Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 70Page - Cirrus Logic CS4237B Datasheet HTML 71Page - Cirrus Logic CS4237B Datasheet HTML 72Page - Cirrus Logic CS4237B Datasheet HTML 73Page - Cirrus Logic CS4237B Datasheet HTML 74Page - Cirrus Logic CS4237B Datasheet HTML 75Page - Cirrus Logic CS4237B Datasheet HTML 76Page - Cirrus Logic CS4237B Datasheet HTML 77Page - Cirrus Logic CS4237B Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
volume is applied to the PCM FM data, it is
summed into the digital mixer which is then
summed into the analog output mixer.
For backwards compatibility with analog-mixed
external FM devices, I18 and I19 in the WSS
logical device can be remapped to control the
volume of internal FM. Remapping is controlled
through the FMRM bit in X4 register. When
IFM = 1, and FMRM = 1, writes to I18 and I19
are remapped to X6 and X7 respectively. When
remapping is enabled, the LINE analog input
volume is controlled through X0/1. When
FMRM = 0, internal FM volume is only control-
led through X6/7.
The synthesizer interface is compatible with the
Adlib and Sound Blaster standards. The typical
Adlib I/O address is SYNbase = 388h.
Standard Adlib Synthesizer I/O Map
Address
Name
Type
SYNbase+0
FM Status
Read Only
SYNbase+0
FM Address 0
Write Only
SYNbase+1
FM Data 0
Write Only
SYNbase+2
FM Address 1
Write Only
SYNbase+3
FM Data 1
Read Only
EXTERNAL PERIPHERAL PORT
An external peripheral port is provided for inter-
facing devices external to the part. These may
include the CS9233 Wavetable synthesizer,
CDROM interface, modem interface, and Plug
and Play E
2PROM.
The External Peripheral Port consists of the fol-
lowing signals: 8-bit data bus, 2 or 3 address
lines, read strobe, write strobe, and reset signal.
External Synthesizer Interface
This part contains an internal FM synthesis en-
gine. For backwards compatibility the default is
to use an external FM-type synthesizer chip such
as the Yamaha OPL3LS, or the Crystal Semicon-
ductor CS9233 wave-table synthesizer chip. This
interface consists of:
SCS - chip select
SINT - Synthesizer Interrupt
The other signals such as address bits, data
strobes, data, and reset are provided by the Ex-
ternal Peripheral Port. The interface allows the
host computer to access up to eight I/O mapped
locations. When using an external FM synthe-
sizer, SCS will respond to the SYNbase decode
addresses as well as the SBPro mapped FM syn-
t h esi zer add resse s. T he PnP syn the si zer
alignment must be a multiple of 8.
The polarity of SINT is programmable via Hard-
ware Configuration data, IHS in byte 7, or
through CTRLbase+1. The default is active low
(IHS = 0).
Since the typical FM interface only requires four
I/O address and does not use an interrupt, the
XA2 address and the SINT pins are multifunc-
tion pins that default to XCTL0 and XCTL1. To
use XCTL0/XA2 as an address pin, the hardware
resource data must be changed. See the Hard-
ware Configuration Data section for more
information. To use XCTL1/SINT/ACDCS/
DOWN as an interrupt for the synthesizer,
VCEN (in the Hardware Configuration data)
must be zero, a pulldown resistor must be placed
on the XIOW pin. Since XCTL1 and SINT are
rarely used the pin has a third multiplexed func-
tion, ACDCS, which is desc ribe d in the
CDROM section below. The fourth multiplexed
function is the hardware volume control pin
DOWN which is controlled through the VCEN
bit. See the Volume Control Interface section for
more details. Note that ACDCS takes precedence
over XCTL1/SINT. Also DOWN, when VCEN
is set, takes precedence over all other functions.
DS213PP4
CS4237B
74


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com