Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 69Page - Cirrus Logic CS4237B Datasheet HTML 70Page - Cirrus Logic CS4237B Datasheet HTML 71Page - Cirrus Logic CS4237B Datasheet HTML 72Page - Cirrus Logic CS4237B Datasheet HTML 73Page - Cirrus Logic CS4237B Datasheet HTML 74Page - Cirrus Logic CS4237B Datasheet HTML 75Page - Cirrus Logic CS4237B Datasheet HTML 76Page - Cirrus Logic CS4237B Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
MIDI UART
The UART is used to convert parallel data to the
serial data required by MIDI. The serial data rate
is fixed at 31.25K baud (
±1%). The serial data
format is RS-232 like: 1 start bit, 8 data bits, and
1 stop bit.
In multimedia systems, the MIDI pins are typi-
cally connected to the joystick connector. See the
Reference Design Data Sheet for detailed infor-
mation.
MPU-401 "UART" Mode Operation
After power-up reset, the interface is in "non-
UART" mode. Non-UART mode operation is
defined as follows:
1. All writes to the Transmit Port, MPUbase+0,
are ignored.
2. All reads of the Receive Port, MPUbase+0,
return the last received buffer data.
3. All writes to the Command Port, MPUbase+1,
are monitored and acknowledged as follows:
a. A write of 3Fh sets the interface into
UART operating mode. An acknowledge
is generated by putting an FEh into the
receive buffer FIFO which generates an
interrupt.
b. A write of A0-A7, ABh, ACh, ADh, AFh
places an FEh into the receive buffer
FIFO (which generates an interrupt) fol-
lowed by a one byte write to the receive
buffer FIFO of 00h for A0-A7, and ABh
commands, 15h for ACh, 01h for ADh,
and 64h for AFh commands.
c. All other writes to the Command Port are
ignored and an acknowledge is gener-
ated by putting an FEh into the receive
buffer FIFO which generates an interrupt.
UART mode operation is defined as follows:
1. All writes to the Transmit Port, MPUbase+0,
are placed in the transmit buffer FIFO.
Whenever the transmit buffer FIFO is not
empty, the next byte is read from the buffer
and sent out the MIDOUT pin. The Status
Register, MPUbase+1, bit 6, TXS is updated
to reflect the transmit buffer FIFO status.
2. All reads of the Receive Port, MPUbase+0,
return the next byte in the receive buffer
FIFO. When serial data is received from the
MIDIN pin, it is placed in the next receive
buffer FIFO location. If the buffer is full,
the last location is overwritten with the new
data. The Status Register, MPUbase+1,
bit 7, RXS is updated to reflect the new re-
ceive buffer FIFO state.
3. A write to the Command Register,
MPUbase+1, of FFh will return the interface
to non-UART mode.
4. All other writes to the Command Register,
MPUbase+1, are ignored.
FM SYNTHESIZER (Internal)
This part contains a games-compatible internal
FM synthesizer. When enabled, this internal FM
synthesis engine responds to both the SBPro FM
synthesis addresses as well as the SYNbase ad-
dresses.
To enable the internal FM synthesis engine, the
IFM bit in the Hardware Configuration data,
byte 8 (Global Configuration Byte) must be set.
This bit is also available in WSS register X4.
Volume control for the internal FM synthesizer is
supported through X6 and X7 in the WSS ex-
tended register space. The volume range is 0 dB
to -94.4 dB with 000000 equal to 0 dB. After
DS213PP4
CS4237B
73


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com