Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 68Page - Cirrus Logic CS4237B Datasheet HTML 69Page - Cirrus Logic CS4237B Datasheet HTML 70Page - Cirrus Logic CS4237B Datasheet HTML 71Page - Cirrus Logic CS4237B Datasheet HTML 72Page - Cirrus Logic CS4237B Datasheet HTML 73Page - Cirrus Logic CS4237B Datasheet HTML 74Page - Cirrus Logic CS4237B Datasheet HTML 75Page - Cirrus Logic CS4237B Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
MPU-401 INTERFACE
The MPU-401 is an intelligent MIDI interface
that was introduced by Roland in 1984. Voyetra
Technologies subsequently introduced an IBM-
PC plug in card that incorporated the MPU-401
functionality. The MPU-401 has become the de-
facto standard for controlling MIDI devices via
IBM-PC compatible personal computers.
Although the MPU-401 does have some intelli-
gence, a non-intelligent mode is available in
which the MPU-401 operates as a basic UART.
By incorporating hardware to emulate the MPU-
4 01 in UART mo de, MIDI ca pab ili ty is
supported.
MPU-401 Register Interface
The MPU401 logical device software interface
occupies 2 I/O locations, utilizes 10-bit address
de cod ing , and is l oca ted at PnP address
’MPUbase’. 10-bit addressing requires that the
upper address bits be 0 to decode a valid ad-
dress, i.e. no aliasing occurs. The standard base
address is 330h. This device also uses an inter-
rupt, typically 9. The PnP alignment for the
MPU-401 must be a multiple of 8.
MPUbase+0 is the MIDI Transmit/Receive port
and MPUbase+1 is the Command/Status port. In
addition to I/O decodes the only additional func-
tionality required from an ISA bus viewpoint is
the generation of a hardware interrupt whenever
data has been received into the receive buffer.
MIDI Transmit/Receive Port,
MPUbase+0, default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
TR7
TR6
TR5
TR4
TR3
TR2
TR1
TR0
TR7-TR0
The MIDI Transmit/Receive Port is
used to send and receive MIDI data
as well as status information that
was returned from a previously sent
command.
All MIDI transmit data is transferred through a
16-byte FIFO and receive data through a 16-byte
FIFO. The FIFO gives the ISA interface time to
respond to the asynchronous MIDI transfer rate
of 31.25K baud.
The Command/Status Registers occupy the same
address and are used to send instructions to and
receive status information from the MPU-401.
Command Register, write only
MPUbase+1
D7
D6
D5
D4
D3
D2
D1
D0
CS7
CS6
CS5
CS4
CS3
CS2
CS1
CS0
CS7-CS0
Each write to the Command/Status
Register must be monitored and the
appropriate acknowledge generated.
Status Register, read only
MPUbase+1, Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
RXS
TXS
CS5
CS4
CS3
CS2
CS1
CS0
CS5-CS1
D0-D5 are the 6 LSBs of the last
command written to this port.
TXS
Transmit Buffer Status Flag.
0 - Transmit buffer not full
1 - Transmit buffer full
RXS
Receive Buffer Status Flag
0 - Data in Receive buffer
1 - Receive buffer empty
When in "UART" mode, data is received into the
receive buffer FIFO and a hardware interrupt is
generated. Data can be received from two
sources: MIDI data via the UART serial input or
acknowledge data that is the result of a write to
the Command Register (MPUbase+1). The inter-
rupt is cleared by a read of the MIDI Receive
Port (MPUbase+0).
DS213PP4
CS4237B
72


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com