Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 66Page - Cirrus Logic CS4237B Datasheet HTML 67Page - Cirrus Logic CS4237B Datasheet HTML 68Page - Cirrus Logic CS4237B Datasheet HTML 69Page - Cirrus Logic CS4237B Datasheet HTML 70Page - Cirrus Logic CS4237B Datasheet HTML 71Page - Cirrus Logic CS4237B Datasheet HTML 72Page - Cirrus Logic CS4237B Datasheet HTML 73Page - Cirrus Logic CS4237B Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 114 page
background image
signal contains the spatial information that al-
lows us to perceive sounds from coming all
around and the directional cues that we use to
determine the localization of those sounds.
Turning up the Space control increases the
amount of corrected directional information, re-
stores the proper localization of the original
sounds, and expands the width of the overall
sound stage. Turning down the Space control re-
sults in having no processed difference signal
component and thus limits the intensity of these
effects.
When SRS 3D sound is first turned on (3DEN in
C3), the Space control (SPC3-SPC0) should be
adjusted before the Center control. Space should
be set to approximately 75% (SPC3-0 = 0011, or
-4.5 dB) with the Center control set to 50%. As
the level of Space is increased, the sound stage
expands both in width and depth. The proper lis-
t en i ng l eve l is subj ect ive a nd pro gram
dependent. If centered sound information (such
as vocals) seem too low as a result of the Space
control setting, they can be adjusted using the
Center control.
If adjusting the Space control yields no change
in the sound image, the input signal is probably
mono and the Mono-to-Stereo switch, 3DM,
should be enabled.
SRS Center Control
The SRS Center adjustment, CTR3-0 in C2, de-
termines the amount of sum signal (L+R) that is
added to the final left and right digital signals
going to the DACs. The sum signal contains in-
formation common to both channels that is
intended to appear in front or at the center of the
sound stage. Vocals, dialog, solo instruments,
bass, and kick drums are examples of sounds
that are often placed at the center.
When SRS 3D sound is first turned on (3DEN in
C3), the Space control should be adjusted before
the Center control (CTR3-0). Space should be
set to approximately 75% with the Center con-
trol set to 50% (CTR3-0 = 1000, or -12.0 dB).
Turning up the Center control emphasizes the
centered sounds so that their perceived level is
increased and they are brought out and into the
center of the room. Once Space is set, the Center
control should be adjusted to provide a pleasant
balance between the ambient sounds and the
centered sounds.
Digital
Mixer
Stereo
16-bit
∆-Σ
DAC
Perspective
Correction
Σ
Σ
L
L+R
L-R
R
(L-R)p
3DEN
To
Analog
Mixers
SPC3-0
CTR3-0
Figure 7. SRS Block Diagram
DS213PP4
CS4237B
70


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com