Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 65Page - Cirrus Logic CS4237B Datasheet HTML 66Page - Cirrus Logic CS4237B Datasheet HTML 67Page - Cirrus Logic CS4237B Datasheet HTML 68Page - Cirrus Logic CS4237B Datasheet HTML 69Page - Cirrus Logic CS4237B Datasheet HTML 70Page - Cirrus Logic CS4237B Datasheet HTML 71Page - Cirrus Logic CS4237B Datasheet HTML 72Page - Cirrus Logic CS4237B Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 114 page
background image
Hearing Basics
It has long been known that the hearing system
uses several methods to determine from which
direction a particular sound is coming. Since hu-
man hearing is binaural (two ears), these
methods include relative phase shift for low fre-
quency sounds, relative intensity for sounds in
the voice range, and relative time of arrival for
sounds having fast rise times and high frequency
components.
The outer ear plays a significant role in the de-
termination of direction. Due to the complex
nature of the ear’s shape, sound is subject to re-
flection, reinforcement, and cancellation at
various frequencies. Effectively, the human hear-
ing system functions as a multiple filter,
emphasizing some frequencies, attenuating oth-
ers, and letting some get through with no
change. The response changes with both azimuth
and elevation, and together with the binaural ca-
pabilities helps determine whether a sound is
coming from up, down, left, right, ahead, or be-
hind.
The frequency response of microphones is not
dependent on azimuth in the same way as the
ear. Omni-directional microphones exhibit flat
response in all directions. Cardioid microphones
exhibit flat response to sounds coming from the
front and sides and are dead at the rear. As no
microphone behaves like the human ear, the
sounds picked up by a microphone are accurate
as far as the microphone is concerned but are not
the same as the sounds impinging on the human
eardrum under similar circumstances.
When the sound is reproduced by speakers, the
situation is further altered by speaker location. If
sounds which originally came from one side or
the other are reproduced by speakers which are
frontally located, these side sounds are heard
with the incorrect spectral response. The same is
true for frontal sounds which are coming from
side-mounted loudspeakers. The result is spacial
distortion of the sound field which prevents the
user from hearing what was originally performed
with the proper spatial cues.
The SRS 3D Stereo Process
The Crystal SRS DSP, illustrated in Figure 7,
processes the signal in such a manner that the
spacial cues lost in the record/playback process
are restored. Since the human hearing system is
involved and is actually part of the loop, its
transfer function is made part of the system
transfer function. At the same time, SRS 3D Ste-
reo processing avoids an objectionable buildup
of frequencies of increased phase sensitivity and
is effective over a wide area so that the listener
is not restricted to a favorable listening position
(sweet spot) between two speakers.
In the stereophonic signal, frontal sounds pro-
duce equal amplitudes in the left and right
channels and are therefore present in the "sum"
or L+R signal. Ambient sounds, which include
reflected and side sounds, produce a complex
sound field and do not appear equally in the left
and right channels. They are therefore present in
the "difference" or L-R signal. Although these
two signals are normally heard as a composite
signal, it is possible to separate and process them
independently and then remix them into a new
composite signal which contains the required
spatial cues that the stereo recording and play-
back processes do not provide. The directional
cues are mostly contained in the difference sig-
nals, so these can be processed, (L-R)p, to bring
the missing directional cues back to their normal
levels. The processed difference signal can then
be increased in amplitude, using SPC3-0, in or-
der to increase apparent image width.
SRS Space Control
The SRS Space adjustment, SPC3-0 in C2, con-
trols the amount of processed difference signal,
(L-R)p, that is added to the final left and right
digital signals going to the DACs. The difference
DS213PP4
CS4237B
69


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com