Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 62Page - Cirrus Logic CS4237B Datasheet HTML 63Page - Cirrus Logic CS4237B Datasheet HTML 64Page - Cirrus Logic CS4237B Datasheet HTML 65Page - Cirrus Logic CS4237B Datasheet HTML 66Page - Cirrus Logic CS4237B Datasheet HTML 67Page - Cirrus Logic CS4237B Datasheet HTML 68Page - Cirrus Logic CS4237B Datasheet HTML 69Page - Cirrus Logic CS4237B Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 114 page
background image
3D Space and Center (C2)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
SPC3
SPC2SPC1 SPC0CTR3CTR2CTR1CTR0
CTR3-CTR0
SRS processed "Center" gain term.
The least significant bit represents
1.5 dB attenuation, with 0000=0 dB.
See Table 24. When 3DM is on, this
value is forced to 0000.
SPC3-SPC0
SRS processed "Space" gain term.
The least significant bit represents
1.5 dB attenuation, with 0000=0 dB.
See Table 24. When 3DM is on, this
value is forced to 0010.
3D Enable (C3)
Default = 000xxxxx
D7
D6
D5
D4
D3
D2
D1
D0
3DEN
3DM
3DSO
res
res
res
res
res
res
Reserved. Must write 0. Could read
as 0 or 1.
3DSO
3D Serial Output. When set, SDOUT
data comes from the DAC inputs
which includes 3D effects. Typically
used when CSPE in C4 is set and
determines the data used on the
Consumer Serial Port output pin.
0 - The output is from the ADCs.
1 - The output is from the SRS DSP.
3DM
3D Mono Enable. When set, the SRS
Mono-to-Stereo DSP is enabled.
(3DEN must also be enabled). This
allows a mono signal to be SRS
processed into a pseudo stereo im-
age.
3DEN
3D Enable. Must be set to enable the
SRS 3D Sound DSP.
Consumer Serial Port Enable (C4)
Default = 0000xxxx
D7
D6
D5
D4
D3
D2
D1
D0
CSPE
CSBR
U
V
res
res
res
res
V
The Validity bit in a sub-frame of
digital audio data.
U
The User bit in a sub-frame of digital
audio data.
CSBR
Channel Status Block Reset. When
set, resets the channel status block
boundary.
CSPE
Consumer Serial Port Enable. When
set, the serial port output format, on
SDOUT, converts to the consumer
standard for digital audio transmis-
sion, compatible with the consumer
portion of IEC-958. An older version
of the standard is also called
S/PDIF. Note that the serial port is
still enabled using the SPE bit in
WSS I16. For more information on
the consumer digital audio transmis-
sion format see Crystal’s Application
Note 22 titled
Overview of Digital
Audio Interface Data Structures.
bit3
bit2
bit1
bit0
Space (SPC3-SPC0)
Center (CTR3-CTR0)
00
0
0
0
0.0 dB
0.0 dB
10
0
0
1
-1.5 dB
-1.5 dB
20
0
1
0
-3.0 dB
-3.0 dB
30
0
1
1
-4.5 dB
-4.5 dB
..
.
.
.
--
81
0
0
0
-12.0 dB
-12.0 dB
..
.
.
.
--
12
1
1
0
0
-18.0 dB
-18.0 dB
13
1
1
0
1
-19.5 dB
-19.5 dB
14
1
1
1
0
-21.0 dB
-21.0 dB
15
1
1
1
1
-22.5 dB
-22.5 dB
Table 24. SRS 3D Sound Control
DS213PP4
CS4237B
66


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com