Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 60Page - Cirrus Logic CS4237B Datasheet HTML 61Page - Cirrus Logic CS4237B Datasheet HTML 62Page - Cirrus Logic CS4237B Datasheet HTML 63Page - Cirrus Logic CS4237B Datasheet HTML 64Page - Cirrus Logic CS4237B Datasheet HTML 65Page - Cirrus Logic CS4237B Datasheet HTML 66Page - Cirrus Logic CS4237B Datasheet HTML 67Page - Cirrus Logic CS4237B Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
Control/RAM Access
CTRLbase+5, Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
CR7-CR0
This register controls the loading of
the part’s internal RAM. RAM sup-
port includes hardware configuration
and PnP default resource data, as
well as program memory. See the
Hostload Procedure section for more
information. Commands are followed
by address and data information.
Commands:
0x55 - Disable PnP Key
0x56 - Disable Crystal Key
0x57 - Jump to ROM
0x5A - Update Hardware Configura-
tion Data.
0xAA - Download RAM. Address
followed by data. (Stopped by writ-
ing 0 to CTRLbase+6)
RAM Access End
CTRLbase+6, Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
RE7-RE0
A 0 written to this location resets the
previous location, CTRLbase+5,
from data download mode to com-
mand mode.
Global Status
CTRLbase+7, Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
CWSS
ICTRL
ISB
IWSS
IMPU
res
res
res
res
Reserved. Could read as 0 or 1.
IMPU
MPU-401 Interrupt status.
0 - no interrupt pending
1 - an interrupt is pending
IWSS
Windows Sound System Interrupt
status.
0 - no interrupt pending
1 - an interrupt is pending
ISB
Sound Blaster Interrupt status.
0 - no interrupt pending
1 - an interrupt is pending
ICTRL
Control Logical Device 2 Interrupt
status. Interrupts are generated on
a context switch between WSS and
SBPro modes.
0 - no interrupt pending
1 - an interrupt is pending
CWSS
Context - WSS. Indicates the current
context.
0 - Sound Blaster Emulation
1 - Windows Sound System
DS213PP4
CS4237B
64


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com