Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 59Page - Cirrus Logic CS4237B Datasheet HTML 60Page - Cirrus Logic CS4237B Datasheet HTML 61Page - Cirrus Logic CS4237B Datasheet HTML 62Page - Cirrus Logic CS4237B Datasheet HTML 63Page - Cirrus Logic CS4237B Datasheet HTML 64Page - Cirrus Logic CS4237B Datasheet HTML 65Page - Cirrus Logic CS4237B Datasheet HTML 66Page - Cirrus Logic CS4237B Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
Block Power Down
CTRLbase+2, Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PDWN
SRC
VREF
MIX
ADC
DAC
PROC
FM
FM
Internal FM synthesizer powered down
when set.
PROC
Processor set to idle mode. When set,
places the internal processor in an
idle state. This effects the PnP inter-
face, MPU401, and SBPro devices.
Any command to any one of these
interfaces will cause the processor
to go active.
DAC
DAC power down. When set, powers
down the D/A converters, serial
ports, and internal FM synthesizer.
The DACs should be muted prior to
setting this bit to prevent audible
pops.
ADC
ADC power down. When set, powers
down the A/D Converters.
MIX
Mixer power down. All analog input
and output channels are powered
down, except MIN and MOUT (as-
suming VREF is not powered down).
If MIX is 1 and VREF is 0, the MBY
bit in the WSS I26 register is forced
on. The outputs should be muted
prior to setting this bit to prevent
audible pops.
VREF
VREF power down. When set, powers
down the entire mixer. Since
powering down VREF, powers down
the entire analog section, some audi-
ble pops can occur.
SRC
Internal Sample-Rate Converters are
powered down. Only 44.1 kHz sam-
ple frequency is allowed when this
bit is set.
PDWN
Global Power Down. When set, the
entire chip is powered down, except
reads and writes to this register.
When this bit is cleared, a full cali-
bration is initiated. All registers retain
their values; therefore, normal opera-
tion can resume after calibration is
completed. When clearing this bit,
the internal processor stays in power-
down until accesses occur to
processor interface (Sound Blaster,
MPU, or PnP accesses). If hardware
volume control is enabled, this bit
should be written to 0 twice causing
the processor to go active (which
reenables the hardware volume).
NOTE: Software should mute the DACs and Mixers
and FM volume when asserting any power down
modes to prevent clicks and pops.
Control Indirect Address Register
CTRLbase+3
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
CA3
CA2
CA1
CA0
CA3-CA0
Address bits to access the Control
Indirect registers C0-C8 through
CTRLbase+4
res
Reserved. Could read as 0 or 1.
Must write as 0.
Control Indirect Data Register
CTRLbase+4
D7
D6
D5
D4
D3
D2
D1
D0
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
CD7-CD0
Control Indirect Data register. This
register provides access to the indi-
rect registers C0-C8, where
CTRLbase+3 selects the actual reg-
ister. See the
Control Indirect
Register section for more details.
DS213PP4
CS4237B
63


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com