Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 57Page - Cirrus Logic CS4237B Datasheet HTML 58Page - Cirrus Logic CS4237B Datasheet HTML 59Page - Cirrus Logic CS4237B Datasheet HTML 60Page - Cirrus Logic CS4237B Datasheet HTML 61Page - Cirrus Logic CS4237B Datasheet HTML 62Page - Cirrus Logic CS4237B Datasheet HTML 63Page - Cirrus Logic CS4237B Datasheet HTML 64Page - Cirrus Logic CS4237B Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 114 page
background image
CONTROL INTERFACE
The Control logical device includes registers for
controlling various functions of the part that are
not included in the other logical device blocks.
These functions include game port rate control
and programmable power management, as well
as extra mixing functions.
Control Register Interface
The Control logical device software interface oc-
cupies 8 I/O locations, utilizes 12-bit address
de cod ing , and is l oca ted at PnP address
’CTRLbase’. If the upper address bits, SA12-
SA15 are used, they must be 0 to decode a valid
address. This device can also support an inter-
rupt. Table 21 lists the eight Control registers.
Joystick and Power Control
CTRLbase + 0, Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PM1
PM0
CONSW
PDC
PDP
PDM
JR1
JR0
JR1,0
Joystick rate control. Selects operating
speed of the joystick (changes the
trigger threshold for the X/Y coordi-
nates).
00 - slowest speed
01 - medium slow speed
10 - medium fast speed
11 - fastest speed
PDM
Power Down Mixer. When set, the
analog mixer is powered down and
all mixer control registers (in
WSSbase space) are reset to de-
fault values.
PDP*
Power Down Processor. When set,
places the internal processor in an
idle state. This effects the PnP inter-
face, MPU-401, and SBPro devices.
PDC*
Power Down Codec. When set,
ADCs and DACs are powered down.
CONSW
controls host interrupt generation
when a context switch occurs
0 - no interrupt on context switch
1 - Control interrupt generated on
context switch
PM1,0
Power Management. These bits are
provided for backwards compatibility.
For new designs, the bits in
CTRLbase+2 should be used.
00 - All functions active.
01 - A/D and D/A powered down.
Mixer still active, but volume reg-
isters are frozen. Disables PDC
and PDM bits.
10 - Full part power down. All
functions are disabled except
reads and writes to this register.
All internal logic, including PnP
config. registers are reset. To exit
this power-down mode, PM1/0
must be reset, through CTRLbase+
0, and then the entire chip must be
reinitialized.
11* - WSS Codec, SBPro, MPU-401,
and PnP interfaces, and the analog
mixer are powered down.
* NOTE: The SBPro, PnP, and MPU-401 interfaces
are linked together. Setting PM1,0 or PDP will power
all three interfaces down; however, if any one of the
interfaces is written to, they will all power back up
automatically. PM1,0 and PDP always reflects the
value written, not whether the three devices are pow-
ered up or not.
Address
Register
CTRLbase+0
Joystick & Power Control
CTRLbase+1
E
2PROM Interface
CTRLbase+2
Block Power Down
CTRLbase+3
Control Indirect Address Reg.
CTRLbase+4
Control Indirect Data Register
CTRLbase+5
Control/RAM Access
CTRLbase+6
RAM Access End
CTRLbase+7
Global Status
Table 21. Control Logical Device Registers
DS213PP4
CS4237B
61


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com