Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 56Page - Cirrus Logic CS4237B Datasheet HTML 57Page - Cirrus Logic CS4237B Datasheet HTML 58Page - Cirrus Logic CS4237B Datasheet HTML 59Page - Cirrus Logic CS4237B Datasheet HTML 60Page - Cirrus Logic CS4237B Datasheet HTML 61Page - Cirrus Logic CS4237B Datasheet HTML 62Page - Cirrus Logic CS4237B Datasheet HTML 63Page - Cirrus Logic CS4237B Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 114 page
background image
GAME PORT INTERFACE
The Game Port logical device software interface
utilizes 10-bit address decoding and is located at
PnP address ’GAMEbase’. 10-bit addressing re-
quires that the upper address bits be 0 to decode
a valid address, i.e. no aliasing occurs. For back-
wards compatibility, the Game Port consists of 8
I/O locations where the lower 6 alias to the same
location, which consists of one read and one
write register.
Plug and Play configuration capability will allow
the joystick I/O base address, GAMEbase, to be
located anywhere within the host I/O address
space. Currently most games software assume
that the joystick I/O port is located at 200h.
A write to the GAMEbase register triggers four
timers. A read from the same register returns
four status bits corresponding to the joystick fire
buttons and four bits that correspond to the out-
put from the four timers.
A button value of 0 indicates the button is
pressed or active. The button default state is 1.
When GAMEbase is written, the X/Y timer bits
go high. Once GAMEbase is written, each timer
output remains high for a period of time deter-
mined by the current joystick position. The
number in parenthesis below is the joystick con-
nector pin number.
GAMEbase+0 - GAMEbase+5
D7
D6
D5
D4
D3
D2
D1
D0
JBB2
JBB1
JAB2
JAB1
JBCY
JBCX
JACY
JACX
JACX
Joystick A, Coordinate X (pin 3)
JACY
Joystick A, Coordinate Y (pin 6)
JBCX
Joystick B, Coordinate X (pin 11)
JBCY
Joystick B, Coordinate Y (pin 13)
JAB1
Joystick A, Button 1 (pin 2)
JAB2
Joystick A, Button 2 (pin 7)
JBB1
Joystick B, Button 1 (pin 10)
JBB2
Joystick B, Button 2 (pin 14)
Two bits, JR1 and JR0, are located in the Con-
trol register space (CTRLbase+0) for defining
the speed of the Game Port Interface. Four dif-
ferent rates are software selectable for use with
various joysticks and to support older software
timing loops with aliasing (roll-over) problems.
GAMEbase+6
D7
D6
D5
D4
D3
D2
D1
D0
resres
resres
resres
resres
res
Must not write any value to this
register. May read any value.
GAMEbase+7
D7
D6
D5
D4
D3
D2
D1
D0
resres
resres
resres
resres
res
Must not write any value to this
register. May read any value.
The Game Port hardware interface consists of
8 pins that connect directly to the standard game
port connector. Buttons must have a 4.7 k
Ω pul-
lup resistor and a 1000 pF capacitor to ground.
X/Y coordinates must have a 5.6 nF capacitor to
ground and a 2.2 k
Ω series resistor to the appro-
priate joystick connector pin. For a detailed
hardware description, see the Reference Design
Data Sheet.
DS213PP4
CS4237B
60


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com