Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 53Page - Cirrus Logic CS4237B Datasheet HTML 54Page - Cirrus Logic CS4237B Datasheet HTML 55Page - Cirrus Logic CS4237B Datasheet HTML 56Page - Cirrus Logic CS4237B Datasheet HTML 57Page - Cirrus Logic CS4237B Datasheet HTML 58Page - Cirrus Logic CS4237B Datasheet HTML 59Page - Cirrus Logic CS4237B Datasheet HTML 60Page - Cirrus Logic CS4237B Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
SOUND BLASTER INTERFACE
The Sound Blaster Pro compatible interface is
the third physical device in logical device 0.
Since the WSS Codec and the Sound Blaster are
mutually exclusive, the WSS Codec interrupt
and playback DMA channel are shared with the
Sound Blaster interface. To map volume controls
properly, the external devices: synthesizer (when
used), CDROM, etc., must be connected to the
proper analog inputs as illustrated in Figure 5.
Mode Switching
To facilitate switching between different func-
tional modes (i.e. Sound Blaster and Windows
Sound System), logic is included to handle the
switch transparently to the host. No special soft-
ware is required on the host side to perform the
mode switch.
Sound Blaster Direct Register Interface
The Sound Blaster software interface utilizes 10-
bit address decoding and is compatible with
Sound Blaster and Sound Blaster Pro interfaces.
10-bit addressing requires that the upper address
bits be 0 to decode a valid address, i.e. no alias-
ing occurs. This device requires 16 I/O locations
located at the PnP address ’SBbase’. The follow-
ing registers, shown in Table 19, are provided
for Sound Blaster compatibility.
Left/Right FM Registers,
SBbase+0 - SBbase+3
These registers are mapped directly to the appro-
priate FM synthesizer registers.
Mixer Address Register,
SBbase+4, write only
This register is used to specify the index address
for the mixer. This register must be written be-
fore any data is accessed from the mixer
registers. The mixer indirect register map is
shown in Table 20.
Address
Description
Type
SBbase+0
Left FM Status Port
Read
SBbase+0
Left FM Register Status Port
Write
SBbase+1
Left FM Data Port
Write Only
SBbase+2
Right FM Status Port
Read
SBbase+2
Right FM Register Status Port
Write
SBbase+3
Right FM Status Port
Write Only
SBbase+4
Mixer Register Address
Write Only
SBbase+5
Mixer Data Port
Read/Write
SBbase+6
Reset
Write Only
SBbase+8
FM Status Port
Read Only
SBbase+8
FM Register port
Write
SBbase+9
FM Data Port
Write Only
SBbase+A
Read Data Port
Read Only
SBbase+C
Command/Write Data
Write
SBbase+C
Write Buffer Status (Bit 7)
Read
SBbase+E
Data Available Status (Bit 7)
Read
Table 19. Sound Blaster Pro Compatible I/O Interface
DS213PP4
CS4237B
57


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com