Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 49Page - Cirrus Logic CS4237B Datasheet HTML 50Page - Cirrus Logic CS4237B Datasheet HTML 51Page - Cirrus Logic CS4237B Datasheet HTML 52Page - Cirrus Logic CS4237B Datasheet HTML 53Page - Cirrus Logic CS4237B Datasheet HTML 54Page - Cirrus Logic CS4237B Datasheet HTML 55Page - Cirrus Logic CS4237B Datasheet HTML 56Page - Cirrus Logic CS4237B Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 114 page
background image
master digital audio volume. This bit
can be set through the Hardware
Configuration data in the EEPROM.
LIS1-LIS0
Left Input Mixer Summer Attenuator.
This attenuates the inputs to the left
input mixer to enable overload pro-
tection when multiple input sources
are utilized. The least significant bit
represents 6 dB of attenuation,
where 00 yields 0 dB of attenuation.
See Table 8.
MIMR
Mono Input Mute to the Right Output
mixer. When set to 1, the MIN signal
to the right output mixer is muted.
Right Input Mixer Control (X5)
Default = 000xxxxx
D7
D6
D5
D4
D3
D2
D1
D0
MOMR
RIS1
RIS0
res
res
res
res
res
res
Reserved. Must write 0. Could be
read as 0 or 1.
RIS1-RIS0
Right Input Mixer Summer Attenuator.
This attenuates the inputs to the
right input mixer to enable overload
protection when multiple input
sources are utilized. The least signifi-
cant bit represents 6 dB of
attenuation, where 00 yields 0 dB of
attenuation. See Table 8.
MOMR
Mono Output Mute from the Right
Line Out, ROUT, to the mono output
mixer. When set to 1, the signal to
the mono output mixer from the
Right Line Out is muted.
Left FM Synthesis Volume (X6)
Default = 1x000000
D7
D6
D5
D4
D3
D2
D1
D0
LFMM
res
LFMA5 LFMA4 LFMA3 LFMA2 LFMA1 LFMA0
NOTE: This FM volume register can also be control-
led through I18 when IFM = 1 and FMRM = 1.
LFMA5-LFMA0 Left Internal FM Synthesis Volume.
The least significant bit represents
1.5 dB, with 000000 = 0 dB.
See Table 6.
res
Reserved. Must write 0. Could read
as 0 or 1.
LFMM
Left FM mute. When set to 1, the
left internal FM input to the digital
mixer is muted.
Right FM Synthesis Volume (X7)
Default = 1x000000
D7
D6
D5
D4
D3
D2
D1
D0
RFMM
res
RFMA5 RFMA4 RFMA3 RFMA2 RFMA1 RFMA0
NOTE: This FM volume register can also be control-
led through I19 when IFM = 1 and FMRM = 1.
RFMA5-RFMA0 Right Internal FM Synthesis Volume.
The least significant bit represents
1.5 dB, with 000000 = 0 dB.
See Table 6.
res
Reserved. Must write 0. Could read
as 0 or 1.
RFMM
Right FM mute. When set to 1, the
right internal FM input to the digital
mixer is muted.
Left DSP Serial Port Volume (X8)
Default = 0x000000
D7
D6
D5
D4
D3
D2
D1
D0
LSPM
res
LSPA5
LSPA4
LSPA3 LSPA2
LSPA1 LSPA0
LSPA4-LSPA0 Left DSP Serial Port Attenuation.
The least significant bit represents
1.5 dB, with 000000 = 0 dB.
See Table 6.
res
Reserved. Must write 0. Could read
as 0 or 1.
LFMA5-A0
LFMM
To Digital Mixer
Summer
0 to -94.5 dB
Internal FM
Synthesizer
RFMA5-A0
RFMM
To Digital Mixer
Summer
0 to -94.5 dB
Internal FM
Synthesizer
DS213PP4
CS4237B
53


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com