Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 48Page - Cirrus Logic CS4237B Datasheet HTML 49Page - Cirrus Logic CS4237B Datasheet HTML 50Page - Cirrus Logic CS4237B Datasheet HTML 51Page - Cirrus Logic CS4237B Datasheet HTML 52Page - Cirrus Logic CS4237B Datasheet HTML 53Page - Cirrus Logic CS4237B Datasheet HTML 54Page - Cirrus Logic CS4237B Datasheet HTML 55Page - Cirrus Logic CS4237B Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 114 page
background image
Left MIC Volume (X2)
Default = 11001111
D7
D6
D5
D4
D3
D2
D1
D0
LMIM LMOM LMBST LMG4
LMG3
LMG2
LMG1
LMG0
LMG4-LMG0
Left Microphone Gain.
The least significant bit represents
1.5 dB, with 01111 = 0 dB.
See Table 13.
LMBST
Left Microphone 20 dB boost.
When set to 1, the signal to the out-
put mixer is given a 20 dB boost.
LMOM
Left Microphone Output Mixer Mute.
When set to 1, the signal to the out-
put mixer is muted.
LMIM
Left Microphone Input Mixer Mute.
When set to 1, the signal to the in-
put mixer is muted.
Right MIC Volume (X3)
Default = 11001111
D7
D6
D5
D4
D3
D2
D1
D0
RMIM RMOM RMBST RMG4
RMG3
RMG2
RMG1
RMG0
RMG4-RMG0
Right Microphone gain.
The least significant bit represents
1.5 dB, with 01111 = 0 dB.
See Table 13.
RMBST
Right Microphone 20 dB boost.
When set to 1, the signal to the out-
put mixer is given a 20 dB boost.
RMOM
Right Microphone Output Mixer Mute.
When set to 1, the signal to the out-
put mixer is muted.
RMIM
Right Microphone Input Mixer Mute.
When set to 1, the signal to the in-
put mixer is muted.
Synthesis and Input Mixer Control (X4)
Default = 100001xx
D7
D6
D5
D4
D3
D2
D1
D0
MIMR
LIS1
LIS0
IFM
WTRMD
FMRM
res
res
res
Reserved. Must write 0. Could be
read as 0 or 1.
FMRM
FM Volume Control Remap. This bit
only functions when IFM = 1.
If FMRM = 1, internal FM Synthesis
volume is controlled by I18/I19
(writes to I18/I19 get remapped to
X6/X7). Analog LINE volume is con-
trolled by X0/X1.
If FMRM = 0, internal FM synthesis
volume is controlled by X6/X7 only.
WTRMD
WaveTable Volume Remap Disable.
This bit only functions when
WTEN = 1 (C8/Global Config. byte).
If WTRMD = 0, the Wavetable Serial
Port volume is controlled by I18/I19
(writes to I18/I19 get remapped to
X16/X17). Analog LINE volume is
controlled by X0/X1.
If WTRMD = 1, the Wavetable Serial
Port volume is controlled by
X16/X17 only.
NOTE: If FMRM = 1, and
WTRMD = 0, I18/I19 control both in-
ternal FM and Wavetable Serial Port
volume.
IFM
Internal FM enable. When set to 1,
the internal FM synthesis engine is
enabled. Setting this bit also
changes I6/7 from the master digital
audio volume to the ISA bus wave
volume control. X14/15 becomes the
LMG4-G0
LMIC
Input
LMIM
LMOM
To Output
Mixer
To Input
Mixer
+22.5 to -22.5 dB
LMBST
+20 dB
RMG4-G0
RMIC
Input
RMIM
RMOM
To Output
Mixer
To Input
Mixer
+22.5 to -22.5 dB
RMBST
+20 dB
DS213PP4
CS4237B
52


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com