Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 47Page - Cirrus Logic CS4237B Datasheet HTML 48Page - Cirrus Logic CS4237B Datasheet HTML 49Page - Cirrus Logic CS4237B Datasheet HTML 50Page - Cirrus Logic CS4237B Datasheet HTML 51Page - Cirrus Logic CS4237B Datasheet HTML 52Page - Cirrus Logic CS4237B Datasheet HTML 53Page - Cirrus Logic CS4237B Datasheet HTML 54Page - Cirrus Logic CS4237B Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 114 page
background image
Left LINE Alternate Volume (X0)
Default = 11101000
D7
D6
D5
D4
D3
D2
D1
D0
LLAOM LLAIM LLBAM LLAG4 LLAG3 LLAG2 LLAG1 LLAG0
LLAG4-LLAG0 Left LINE Alternate Volume. This
register is used to control the LLINE
analog input volume to the mixers
when I18 is remapped to control FM
and/or Wavetable Serial Port vol-
ume. The remapping bits are FMRM
and WTRMD (X4). The least signifi-
cant bit represents 1.5 dB, with
01000 = 0 dB. See Table 10.
LLABM
Left LINE Alternate Bypass Mute.
When set to 1, the analog Left Line
Input, LLINE, (bypassing the gain
block) to the input mixer is muted.
LLAIM
Left LINE Alternate Input Mute.
When set to 1, the Left Line Input,
LLINE, from the volume control to
the input mixer is muted.
LAOM
Left LINE Alternate Output Mute.
When set to 1, the Left Line Input,
LLINE, from the volume control to
the output mixer is muted.
Right LINE Alternate Volume (X1)
Default = 11101000
D7
D6
D5
D4
D3
D2
D1
D0
RLAOM RLAIM RLABM RLAG4 RLAG3 RLAG2 RLAG1 RLAG0
RLAG4-RLAG0 Right LINE Alternate Volume.
This register is used to control the
RLINE analog input volume to the
mixers when I19 is remapped to con-
trol FM and/or Wavetable Serial Port
volume. The remapping bits are
FMRM and WTRMD in X4. The
least significant bit represents
1.5 dB, with 01000 = 0 dB.
See Table 10.
RLABM
Right LINE Alternate Bypass Mute.
When set to 1, the analog Right Line
Input, RLINE, (bypassing the gain
block) to the input mixer is muted.
RLAIM
Right LINE Alternate Input Mute.
When set to 1, the Right Line Input,
RLINE, from the volume control to
the input mixer is muted.
RLAOM
Right LINE Alternate Output Mute.
When set to 1, the Right Line Input,
RLINE, from the volume control to
the output mixer is muted.
LLAG4-G0
LLINE
(Synthesis)
LLAIM
LLAOM
LLABM
To Output
Mixer
To Input
Mixer
+12 to -34.5 dB
RLAG4-G0
RLINE
(Synthesis)
RLAIM
RLAOM
RLABM
To Output
Mixer
To Input
Mixer
+12 to -34.5 dB
DS213PP4
CS4237B
51


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com