Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 46Page - Cirrus Logic CS4237B Datasheet HTML 47Page - Cirrus Logic CS4237B Datasheet HTML 48Page - Cirrus Logic CS4237B Datasheet HTML 49Page - Cirrus Logic CS4237B Datasheet HTML 50Page - Cirrus Logic CS4237B Datasheet HTML 51Page - Cirrus Logic CS4237B Datasheet HTML 52Page - Cirrus Logic CS4237B Datasheet HTML 53Page - Cirrus Logic CS4237B Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
MIC
AUX1
(LINE IN)
AUX 2
(CDROM)
LINE
(Syn.)
LINE
OUT
MONO
OUT
Atten.
X4L
X5R
20dB X2L
Gain X3R
MIN
Atten.
-9db
16 bit
D/A
Mute X14L
X15R
SRC
SRC
Mono Bypass
Mute X2L, X3R
Mute I2L, I3R
Mute I4L, I5R
Mute I18L, I19R
*
Mute I2L, I3R
Mute I2L, I3R
Mute I4L, I5R
Mute I18L, I19R
*
Gain X2L
X3R
Gain I2L
I3R
Gain I18L
* I19R
Mute I18L, I19R
*
Mute X2L, X3R
Gain I4L
I5R
Output
Loopback
I0L, I1R
Mute I26L
X4R
Atten. I26
Mute I26
Mute
I26L
X5R
Atten. I6L
I7R
Gain X14L
X15R
Atten. X6L
*
X7R
FM Synthesizer enable
X4
Loopback Atten.
I13L & (R)
X10 Stereo Enable
X10R
Gain I0L
I1R
Mute
X11L
X11R
Mute X8L
X9R
Atten. X8L
X9R
Mute X6L
* X7R
Mute I6L
I7R
Loopback enable I13
NOTE: The symbol
shows the active bit(s) for the
register function specified
DSP Audio Data Serial Port
DSP SERIAL PORT
Mute X16L
* X17R
Gain X16L
* X17R
WAVETABLE SERIAL PORT
Wavetable Serial Port
C8
Master
Volume
UP/DOWN/MUTE
Analog
Output
Mixer
* I18/I19 can be remapped to control
X6/X7 and X16/X17. If remapping is
enabled, X0/X1 control LINE inputs
DSP
Master Digital
Volume
Digital Mixer
Analog Input
Mixer
16-bit
A/D
Figure 4. MODE 3 Mixer (assumes IFM or WTEN is set)


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com