Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic CS4237B Datasheet HTML 45Page - Cirrus Logic CS4237B Datasheet HTML 46Page - Cirrus Logic CS4237B Datasheet HTML 47Page - Cirrus Logic CS4237B Datasheet HTML 48Page - Cirrus Logic CS4237B Datasheet HTML 49Page - Cirrus Logic CS4237B Datasheet HTML 50Page - Cirrus Logic CS4237B Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
right channels. The mono input pro-
vides mix for the "beeper" function in
most personal computers.
0 - no mute
1 - muted
Reserved (I27)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
res
res
res
res
Reserved. Must write 0. Could read
as 0 or 1.
Capture Data Format (I28)
Default = 0000xxxx
D7
D6
D5
D4
D3
D2
D1
D0
FMT1
FMT0
C/LS/M
res
res
res
res
res
Reserved. Must write 0. Could read
as 0 or 1.
S/M
Stereo/Mono Select: This bit deter-
mines how the capture audio data
stream is formatted. Selecting stereo
will result with alternating samples
representing left and right audio
channels. Selecting mono only cap-
tures data from the left audio
channel. MCE (R0) or CMCE (I16)
must be set to modify S/M. See
Changing Audio Data Formats sec-
tion for more details.
0 - Mono
1 - Stereo
C/L, FMT1, FMT0 set the capture data format in
MODEs 2 and 3. See Table 11 or
register I8 for the bit settings and
data formats. The capture data for-
mat can be different than the
playback data format; however, the
sample frequency must be the same
and is set in I8. MCE (R0) or CMCE
(I16) must be set to modify this regis-
ter. See
Changing Audio Data
Formats section for more details.
Reserved (I29)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
res
res
res
res
res
res
res
res
res
Reserved. Must write 0. Could read
as 0 or 1.
Capture Upper Base (I30)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
CUB7
CUB6
CUB5
CUB4
CUB3
CUB2
CUB1
CUB0
CUB7-CUB0
Capture Upper Base: This register is
the upper byte which represents the
8 most significant bits of the 16-bit
Capture Base register. Reads from
this this register returns the same
value that was written.
Capture Lower Base (I31)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
CLB7
CLB6
CLB5
CLB4
CLB3
CLB2
CLB1
CLB0
CLB7-CLB0
Lower Base Bits: This register is the
lower byte which represents the 8
least significant bits of the 16-bit
Capture Base register. Reads from
this register returns the same value
which was written.
DS213PP4
CS4237B
47


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
CrystalClear Low Cost ISA Audio System
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
CrystalClear??Portable ISA Audio System
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
Sound Retrieval System; 3D Sound IC
logo
National Semiconductor ...
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com