Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4237B Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 42Page - Cirrus Logic CS4237B Datasheet HTML 43Page - Cirrus Logic CS4237B Datasheet HTML 44Page - Cirrus Logic CS4237B Datasheet HTML 45Page - Cirrus Logic CS4237B Datasheet HTML 46Page - Cirrus Logic CS4237B Datasheet HTML 47Page - Cirrus Logic CS4237B Datasheet HTML 48Page - Cirrus Logic CS4237B Datasheet HTML 49Page - Cirrus Logic CS4237B Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
res
Reserved. Must write 0. Could read
as 0 or 1.
The PI, CI, and TI bits are reset by writing a "0"
to the particular interrupt bit or by writing any
value to the Status register (R2).
Compatibility ID (I25)
Default = 00000011
D7
D6
D5
D4
D3
D2
D1
D0
V2
V1
V0
CID4
CID3
CID2
CID1
CID0
CID4-CID0
Chip Identification. Distinguishes
between this chip and previous
codec chips that support this register
set. This register is fixed to indicate
code compatibility with the CS4236.
X25 or C1 should be used to further
differentiate between parts that are
compatible with the CS4236.
All Chips:
00011 - CS4236, CS4237B
00010 - CS4232/CS4232A
00000 - CS4231/CS4231A
V2-V0
Version number. As enhancements
are made to the part, the version
number is changed so software can
distinguish between the different ver-
sions.
000 - Compatible with the CS4236
These bits are fixed for compatibility
with the CS4236. Register X25 or
C1 may be used to differentiate be-
tween the CS4236 and newer chips.
Mono Input and Output Control (I26)
Default = 101x0000
D7
D6
D5
D4
D3
D2
D1
D0
MIM
MOM
MBY
res
MIA3
MIA2
MIA1
MIA0
MIA3-MIA0
Mono Input Attenuation. When MIM
is 0, these bits set the level of MIN
summed into the mixer. MIA0 is the
least significant bit and represents
3 dB attenuation, with 0000 = 0 dB.
See Table 7.
res
Reserved. Must write 0. Could read
as 0 or 1.
MBY
Mono Bypass. MBY connects MIN
directly to MOUT with an attenuation
of 9 dB. When MBY = 1, MIM
should be set to 1.
0 - MIN not connected directly to
MOUT.
1 - MIN connected directly to MOUT.
MOM
Mono Output Mute. In MODE 3, MOM
will mute the left Line Out to the
mono mix output, MOUT. The right
Line Out mute, MOMR, is in X5. In
MODE 2, MOM mutes left and right
Line Out to MOUT. This mute is inde-
pendent of the line output mute.
0 - no mute
1 - mute
MIM
Mono Input Mute. In MODE 3, MIM
mutes the MIN analog input to the
left output mixer channel. MIMR in
X4 mutes MIN analog input to the
right output mixer channel. In
MODE 2, MIM mutes both left and
DS213PP4
CS4237B
46


Similar Part No. - CS4237B

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KL ETC-CS4231A-KL Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
CS4231A-KQ ETC-CS4231A-KQ Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
More results

Similar Description - CS4237B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
Cirrus Logic
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
CS4235 CIRRUS-CS4235 Datasheet
1,012Kb / 94P
   CrystalClear Low Cost ISA Audio System
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com