Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8120923 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # 8120923
Description  Mounting plate multiperforated (350x350x2 mm - ⌀3.6 mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

8120923 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  8120923 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPMP ARCA 4040
Sample image
Order symbol : MPMP ARCA 4040
Product nr : 8120923
Description : Mounting plate multiperforated (350x350x2 mm -
⌀3.6 mm)
Remarks : Galvanized steel. for size 400x400x210
EAN : 6418074089502
Dimensions :
Height
Width
Depth
mm :
350
350
2
inch :
0.08
Materials :
Ratings :
electrical_insulation :
Not insulated
UV resistance :
-
© Fibox Oy, Data subject to change without notice (printed: 24.07.2023)


Similar Part No. - 8120923

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8120920 FIBOX-8120920 Datasheet
223Kb / 2P
Mounting plate multiperforated (250x150x2 mm - ⌀3.6 mm)
11.01.2023
8120921 FIBOX-8120921 Datasheet
56Kb / 1P
Mounting plate multiperforated (250x250x2 mm - ⌀3.6 mm)
24.07.2023
8120922 FIBOX-8120922 Datasheet
244Kb / 2P
Mounting plate multiperforated (350x250x2 mm - ⌀3.6 mm)
11.01.2023
8120924 FIBOX-8120924 Datasheet
372Kb / 2P
Mounting plate multiperforated (450x350x2 mm - ⌀3.6 mm)
11.01.2023
8120925 FIBOX-8120925 Datasheet
202Kb / 2P
Mounting plate multiperforated (550x350x2 mm - ⌀3.6 mm)
11.01.2023
More results

Similar Description - 8120923

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8120922 FIBOX-8120922 Datasheet
244Kb / 2P
Mounting plate multiperforated (350x250x2 mm - ⌀3.6 mm)
11.01.2023
8120928 FIBOX-8120928 Datasheet
284Kb / 2P
Mounting plate multiperforated (730x530x2 mm - ⌀3.6 mm)
11.01.2023
8120920 FIBOX-8120920 Datasheet
223Kb / 2P
Mounting plate multiperforated (250x150x2 mm - ⌀3.6 mm)
11.01.2023
8120927 FIBOX-8120927 Datasheet
297Kb / 2P
Mounting plate multiperforated (630x430x2 mm - ⌀3.6 mm)
8120925 FIBOX-8120925 Datasheet
202Kb / 2P
Mounting plate multiperforated (550x350x2 mm - ⌀3.6 mm)
11.01.2023
8120921 FIBOX-8120921 Datasheet
56Kb / 1P
Mounting plate multiperforated (250x250x2 mm - ⌀3.6 mm)
24.07.2023
8120924 FIBOX-8120924 Datasheet
372Kb / 2P
Mounting plate multiperforated (450x350x2 mm - ⌀3.6 mm)
11.01.2023
8120929 FIBOX-8120929 Datasheet
53Kb / 1P
Mounting plate multiperforated (450x450x2 mm - ⌀3.6 mm)
24.07.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
4850070 FIBOX-4850070 Datasheet
41Kb / 1P
Multiperforated plastic mounting plate
01.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com