Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5069-L320ERM Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 5069-L320ERM
Description  COMPACTLOGIX 5380 PROCESSOR 2MB 40 NODES 8 AXIS M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

5069-L320ERM Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  5069-L320ERM Datasheet HTML 1Page - NHP Electrical Engineering Products 5069-L320ERM Datasheet HTML 2Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Systems > Modular Programmable Controllers > Compact PLC Systems > Allen-Bradley Bulletin 5069
CompactLogix™ > 5380 CompactLogix™ Controllers > Standard Controllers
COMPACTLOGIX 5380 PROCESSOR 2MB 40 NODES 8 AXIS M
5069-L320ERM
Catalogue No:
·
Ideal for small to large applications that require low
axis motion and I/O point counts
·
Enable high-speed I/O, motion control, Device Level
Ring and Linear topologies
·
Offer a 1 gigabit (Gb) embedded EtherNet/IP port that
enables CIP safety connections, I/O and safety
devices
·
Include dual configurable ports that support Dual-IP
address
·
Provide enhanced diagnostics and troubleshooting with
controller status and fault display
·
Offer controller functions optimized for maximum
system performance
·
Offer enhanced security features that include
controller-based change detection, logging, encrypted
firmware
·
and role-based access control to routines and Add-On
Instructions
·
Support up to 31 local Compact 5000™ I/O modules
·
Offer integrated motion on EtherNet/IP up to 32 axes
·
Offer a wide range of memory options from 0.6...10
MB
Representative Photo Only
(actual product may vary based on configuration selections)
CompactLogix 5380 L3 Processor 2 MB Controller Memory Motion
8 Axis 40 Ethernet/IP Nodes
SPECIFICATIONS
Product Series
Component Type PLC & I/O
Power Supply
Safety Controller
Memory, Controller
Integrated Motion Control
Number of Motion Control Axes, CIP
Communications Protocols
Number of Local Expansion Modules
Number of EtherNet/IP nodes, max
Software, Configuration
Operating Temperature, Max
Operating Temperature, Min
Storage Temperature, Max
Storage Temperature, Min
Relative Humidity, Max
Humidity Type
Shock Acceleration (Max.)
Shock Rating
Vibration Acceleration (Max.)
Vibration Frequency, Operational (Max.)
Vibration Rating
CompactLogix (Bul. 5069)
Controller
18-32 V DC
No
2 MB memory
Yes
8 axes
EtherNet/IP
EtherNet/OCPP
16 qty local
40 nodes, max
RSLogix5000 / Studio 5000 (Logix Designer)
60 °C max
0 °C min
85 °C max
-40 °C min
95 %RH
Non-condensing
30 g
IEC 60068-2-27
5 m/s²
500 Hz
IEC 60068-2-6
Page 1 of 2
8 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
5069L320ERM Datasheet
NHP Electrical Engineering Products


Similar Part No. - 5069-L320ERM

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
5069-L320ERMS2 NHP-5069-L320ERMS2 Datasheet
769Kb / 2P
   COMPACT GUARDLOGIX 5380 SIL2 PROCESSOR 21MB 40 NODE M
8 June 2023,
5069-L320ERMS3 NHP-5069-L320ERMS3 Datasheet
657Kb / 2P
   COMPACT GUARDLOGIX 5380 SIL3 PROCESSOR 21MB 40 NODE M
8 June 2023,
More results

Similar Description - 5069-L320ERM

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
5069-L320ER NHP-5069-L320ER Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 2MB 40 NODES
8 June 2023,
5069-L306ER NHP-5069-L306ER Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 0.6MB 16 NODES
8 June 2023,
5069-L330ER NHP-5069-L330ER Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 3MB 60 NODES
8 June 2023,
5069-L340ER NHP-5069-L340ER Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 4MB 90 NODES
8 June 2023,
5069-L306ERM NHP-5069-L306ERM Datasheet
750Kb / 2P
   COMPACTLOGIX 5380 ROCESSOR 0.6MB 2 AXIS 16 NODES M
8 June 2023,
5069-L310ER NHP-5069-L310ER Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 1MB 24 NODES
8 June 2023,
5069-L340ERS2 NHP-5069-L340ERS2 Datasheet
768Kb / 2P
   COMPACT GUARDLOGIX 5380 SIL2 PROCESSOR 42MB 90 NODES
8 June 2023,
5069-L320ERS2 NHP-5069-L320ERS2 Datasheet
768Kb / 2P
   COMPACT GUARDLOGIX 5380 SIL2 PROCESSOR 21MB 40 NODES
8 June 2023,
5069-L310ER-NSE NHP-5069-L310ER-NSE Datasheet
749Kb / 2P
   COMPACTLOGIX 5380 PROCESSOR 1MB NO STORED ENERGY
8 June 2023,
5069-L330ERS2 NHP-5069-L330ERS2 Datasheet
768Kb / 2P
   COMPACT GUARDLOGIX 5380 SIL2 PROCESSOR 31.5MB 60 NODES
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com