Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145004 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145004
Description  128 SEGMENT LCD DRIVERS CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145004 Datasheet(HTML) 4 Page - Motorola, Inc

  MC145004 Datasheet HTML 1Page - Motorola, Inc MC145004 Datasheet HTML 2Page - Motorola, Inc MC145004 Datasheet HTML 3Page - Motorola, Inc MC145004 Datasheet HTML 4Page - Motorola, Inc MC145004 Datasheet HTML 5Page - Motorola, Inc MC145004 Datasheet HTML 6Page - Motorola, Inc MC145004 Datasheet HTML 7Page - Motorola, Inc MC145004 Datasheet HTML 8Page - Motorola, Inc MC145004 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC145003
• MC145004
MOTOROLA
4
FUNCTIONAL DESCRIPTION
The MC145003/MC145004 has essentially two sections
which operate asynchronously from each other; the data input
and storage section and the LCD drive section. The LCD drive
and timing is derived from the oscillator, while the data input
and storage is controlled by the Data In (Din), Data Clock
(DCLK), Address (A0, A1, A2), and Enable (ENB) pins.
Data is shifted serially into the 128–bit shift register and
arranged into four consecutive blocks of 32 parallel data bits.
A time–multiplex of the four backplane drivers is made (each
backplane driver becoming active then inactive one after
another) and, at the start of each backplane active period, the
corresponding block of 32 bits is made available at the front-
plane drivers. A high input to a plane driver turns the driver on,
and a low input turns the driver off.
Figure 4 shows the sequence of backplanes. Figure 5
shows the possible configurations of the frontplanes relative
to the backplanes. When a backplane driver is on, its output
switches from VLCD to 0 V, and when it is off, it switches from
1/3 VLCD to 2/3 VLCD. When a frontplane driver is on, its
output switches from 0 V to VLCD, and when it is off, it switches
from 2/3 VLCD to 1/3 VLCD.
The LCD drive and timing section provides the multiplex sig-
nals and backplane driver input signals and formats the front-
plane and backplane waveforms. It also provides a “frame
sync” pulse which may be used in a system where many LCD
drivers are cascaded, to synchronize the backplanes/front-
planes of all participating LCD drivers.
The address pins are used in cascaded systems to uniquely
distinguish one LCD driver from another (and from any other
chips on the same bus) and to define one LCD driver as the
“master” in the system. There must be one master in any
system.
The enable pin may be used as a third control line in the
communication bus. It may be used to define the moment
when the data is latched. If not used, then the data is latched
after 128 bits of data have been received.
BP1
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
FRAME
SYNC
PULSE
VLCD
0 V
TIME FRAME
BP2
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
BP3
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
BP4
VLCD
2/3 (VLCD)
1/3 (VLCD)
0 V
Figure 4. Backplane Sequence


Similar Part No. - MC145004

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145000 MOTOROLA-MC145000 Datasheet
574Kb / 11P
Low-Power Complementary MOS
MC145001 MOTOROLA-MC145001 Datasheet
574Kb / 11P
Low-Power Complementary MOS
MC14500B MOTOROLA-MC14500B Datasheet
259Kb / 8P
Industrial Control Unit
MC14500B MOTOROLA-MC14500B Datasheet
4Mb / 113P
Industrial Control Unit
1977
MC14500B MOTOROLA-MC14500B_V01 Datasheet
4Mb / 113P
Industrial Control Unit
1977
More results

Similar Description - MC145004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
Standard LCD Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
Standard LCD Segment Drivers
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
For 128-140 Segment type LCD LCD Segment Driver
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
Standard LCD Segment Drivers
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
128/64 SEGMENT LCD DRIVER
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
128/64 SEGMENT LCD DRIVER
logo
Rohm
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL