Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5603 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5603
Description  High Efficiency Charge Pump Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5603 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5603 Datasheet HTML 3Page - ON Semiconductor NCP5603 Datasheet HTML 4Page - ON Semiconductor NCP5603 Datasheet HTML 5Page - ON Semiconductor NCP5603 Datasheet HTML 6Page - ON Semiconductor NCP5603 Datasheet HTML 7Page - ON Semiconductor NCP5603 Datasheet HTML 8Page - ON Semiconductor NCP5603 Datasheet HTML 9Page - ON Semiconductor NCP5603 Datasheet HTML 10Page - ON Semiconductor NCP5603 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCP5603
http://onsemi.com
7
TYPICAL CHARACTERISTICS
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
Figure 3. Operating Modes Transitions and
Output Power Efficiency @ Vout = 4.5 V/262 kHz
Figure 4. Operating Modes Transitions and
Output Power Efficiency @ Vout = 4.5 V/650 kHz
Figure 5. Operating Modes Transitions and
Output Power Efficiency @ Vout = 5.0 V/650 kHz
Figure 6. Typical Output Voltage Ripple
Figure 7. Typical Output Voltage Line Regulation
Figure 8. Output Voltage Startup from Scratch
IOUT = 120 mA
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vbat (V)
IOUT = 120 mA
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vbat (V)
4.2
4.3
4.4
4.5
4.6
4.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vbat (V)
−40
°C
4.7
25
°C
85
°C
−40
°C
25
°C
85
°C
Test conditions: Vbat = 3.6 V, Vout = 5 V, Load = 4*LW87S,
ILED = 25mA
IOUT = 160 mA
IOUT = 200 mA


Similar Part No. - NCP5603

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP5603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com