Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1271 Datasheet HTML 9Page - ON Semiconductor NCP1271 Datasheet HTML 10Page - ON Semiconductor NCP1271 Datasheet HTML 11Page - ON Semiconductor NCP1271 Datasheet HTML 12Page - ON Semiconductor NCP1271 Datasheet HTML 13Page - ON Semiconductor NCP1271 Datasheet HTML 14Page - ON Semiconductor NCP1271 Datasheet HTML 15Page - ON Semiconductor NCP1271 Datasheet HTML 16Page - ON Semiconductor NCP1271 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NCP1271
http://onsemi.com
13
Soft−Start Operation
Figures 28 and 29 show how the soft−start feature is
included in the pulse−width modulation (PWM)
comparator. When the NCP1271 starts up, a soft−start
voltage VSS begins at 0 V. VSS increasesgradually from 0 V
to 1.0 V in 4.0 ms and stays at 1.0 V afterward. This voltage
VSS is compared with the divided−by−3 feedback pin
voltage (VFB/3). The lesser of VSSand (VFB/3) becomes the
modulation voltage VPWM in the PWM duty cycle
generation. Initially, (VFB/3) is above 1.0 V because the
output voltage is low. As a result, VPWM is limited by the
soft start function and slowly ramps up the duty cycle (and
therefore the primary current) for the initial 4.0 ms. This
provides a greatly reduced stress on the power devices
during startup.
Figure 28. VPWM is the lesser of VSS and (VFB/3)
0
1
+
VSS
V / 3
FB
VPWM
Figure 29. Soft−Start (Time = 0 at VCC = VCC(on))
time
time
time
1 V
4 ms
1 V
1 V
4 ms
time must be less than130 ms
to prevent fault condition
time
4 ms
Feedback pin voltage divided−by−3, VFB/3
Pulse Width Modulation voltage, VPWM
Drain Current, ID
Soft−start voltage, VSS
Current−Mode Pulse−Width Modulation
The NCP1271 uses a current−mode fixed−frequency
PWM with internal ramp compensation. A pair of current
sense resistors RCS and Rramp sense the flyback drain
current ID. As the drain current ramps up through the
inductor and current sense resistor, a corresponding voltage
ramp is placed on the CS pin (pin 3). This voltage ranges
from very low to as high as the modulation voltage VPWM
(maximum of 1.0 V) before turning the drive off. If the
internal current ramp is ignored (i.e., Rramp ≈ 0) then the
maximum possible drain current ID(max) is shown in
Equation 2. This sets the primary current limit on a cycle
by cycle basis.
ID(max) +
1V
RCS
(eq. 2)
Figure 30. Current−Mode Implementation
LEB
CS
PWM
Output
180ns
3
Vbulk
Rramp
(1V max. signal)
VPWM
Q
S
VCS
Clock
1
0
RCS
ID
80%
max duty
Iramp
R
Figure 31. Current−Mode Timing Diagram
PWM
Output
VPWM
CS
clock
V
The timing diagram of the PWM is in Figure 31. An
internal clock turns the Drive Output (Pin 5) high in each
switching cycle. The Drive Output goes low when the CS
(Pin 3) voltage VCS intersects with the modulation voltage
VPWM. This generates the pulse width (or duty cycle). The
maximum duty cycle is limited to 80% (typically) in the
output RS latch.


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com