Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP1271 Datasheet HTML 11Page - ON Semiconductor NCP1271 Datasheet HTML 12Page - ON Semiconductor NCP1271 Datasheet HTML 13Page - ON Semiconductor NCP1271 Datasheet HTML 14Page - ON Semiconductor NCP1271 Datasheet HTML 15Page - ON Semiconductor NCP1271 Datasheet HTML 16Page - ON Semiconductor NCP1271 Datasheet HTML 17Page - ON Semiconductor NCP1271 Datasheet HTML 18Page - ON Semiconductor NCP1271 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
NCP1271
http://onsemi.com
16
Recover from Standby
In the event that a large load is encountered during skip
cycle operation, the circuit automatically disables the
normal Soft−Skip procedure and delivers maximum power
to the load (Figure 37). This feature, the Transient Load
Detector (TLD), is initiated anytime a skip event is exited
and the FB pin is greater than 2.85 V, as would be the case
for a sudden increase in output load.
Figure 37. Transient Response from Standby
V
VFB
ID
skip
VTLD
load current
Maximum current available
when TLD level is hit
output voltage
300 ms max
External Latchoff Shutdown
When the Skip/Latch input (Pin 1) is pulled higher than
Vlatch (8.0 V typical), the drive output is latched off until
VCC drops below VCC(reset) (4.0 Vtypical). If Vbulk stays
above approximately 30 Vdc, then the HV FET ensure that
VCC remains above VCC(latch) (5.8 Vtypical). Therefore, the
controller is reset by unplugging the power supply from the
wall and allowing Vbulk to discharge. Figure 38 illustrates
the timing diagram of VCC in the latchoff condition.
Figure 38. Latchoff VCC Timing Diagram
5.8 V
12.6 V
Startup current source is
charging the VCC capacitor
Startup current source is
off when VCC is 12.6 V
Startup current source turns
on when VCC reaches 5.8 VCC
Figure 39 defines the different voltage regions of the
Skip/latch Pin (Pin 1) operation.
1. When the voltage is above Vlatch (7.1 V min,
8.7 V max), the circuit is in latchoff and all drive
pulses are disabled until VCC cycles below 4.0 V
(typical).
2. When the voltage is between Vskip−reset (5.0 V
min, 6.5 V max) and Vlatch, the pin is considered
to be opened. The skip level Vskip is restored to
the default 1.2 V.
3. When the voltage is between about 3.0 V and
Vskip−reset, the Vskip level is above the normal
operating range of the feedback pin. Therefore,
the output does not switch.
4. When the voltage is between 0 V and 3.0 V, the
Vskip is within the operating range of the
feedback pin. Then the voltage on this pin sets
the skip level as explained earlier.
Figure 39. NCP1271 Pin 1 Operating Regions
Output is latched off here.
Adjustable V
range.
0 V (no skip)
3.0 V (always skip)
V pin1
8V (V
)
10 V (max limit)
Output always low (skipped) here.
5.7 V (V
)
Pin 1 considered to be opened.
skip−reset
latch
skip
Vskip is reset to default level 1.2 V.
The external latch feature allows the circuit designers to
implement different kinds of latching protection. The
NCP1271 applications note (AND8242/D) details several
simple circuits to implement overtemperature protection
(OTP) and overvoltage protection (OVP).
In order to prevent unexpected latchoff due to noise,
it is very important to put a noise decoupling capacitor
near Pin 1 to increase the noise immunity. It is also
recommended to always have a resistor from pin 1 to GND.
This further reduces the risk of premature latchoff. Also
note that if the additional latch−off circuitry has leakage,
it will modify the skip adjust setup.
External Non−Latched Shutdown
Figure 40 illustrates the Feedback (pin 2) operation. An
external non−latched shutdown can be easily implemented
by simply pulling FB below the skip level. This is an
inherent feature from the standby skip operation. Hence, it
allows the designer to implement additional non−latched
shutdown protection.
The device can also be shutdown by pulling the VCC pin
to GND (<190 mV). In addition to shutting off the output,
this method also places the part into a low current
consumption state.


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com