Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1271 Datasheet HTML 11Page - ON Semiconductor NCP1271 Datasheet HTML 12Page - ON Semiconductor NCP1271 Datasheet HTML 13Page - ON Semiconductor NCP1271 Datasheet HTML 14Page - ON Semiconductor NCP1271 Datasheet HTML 15Page - ON Semiconductor NCP1271 Datasheet HTML 16Page - ON Semiconductor NCP1271 Datasheet HTML 17Page - ON Semiconductor NCP1271 Datasheet HTML 18Page - ON Semiconductor NCP1271 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
NCP1271
http://onsemi.com
15
Besides the timer−based fault detection, the NCP1271
also enters fault condition when VCC drops below VCC(off)
(9.1 V typical). The device will again enter a double hiccup
mode and try to restart the application.
Operation in Standby Condition
During standby operation, or when the output has a light
load, the duty cycle on the controller can become very
small. At this point, a significant portion of the power
dissipation is related to the power MOSFET switching on
and off. To reduce this power dissipation, the NCP1271
“skips” pulses when the FB level (i.e. duty cycle) drops too
low. The level that this occurs at is completely adjustable
by setting a resistor on pin 1.
By discontinuing pulses, the output voltage slowly drops
and the FB voltage rises. When the FB voltage rises above
the Vskip level, the drive is turned back on. However, to
minimize the risk of acoustic noise, when the drive turns
back on the duty cycle of its pulses are also ramped up. This
is similar to the soft start function, except the period of the
Soft−Skip operation is only 300
ms instead of 4.0 ms for the
soft start function. This feature produces a timing diagram
shown in Figure 36.
Figure 36. Soft−Skip Operation
V
FB
ID
skip
Soft Skip
Skip Duty Cycle
Skip peak current, %Icsskip, is the percentage of the
maximum peak current at which the controller enters skip
mode. Icsskip can be any value from 0 to 100% as defined
by equation 5. However, the higher that %Icsskip is, the
greater the drain current when skip is entered. This
increases the risk of acoustic noise. Conversely, the lower
that %Icsskip is the larger the percentage of energy is
expended turning the switch on and off. Therefore it is
important to adjust %Icsskip to the optimal level for a given
application.
%Icsskip +
Vskip
3V
· 100%
(eq. 5)
Skip Adjustment
By default, when the Skip/latch Pin (Pin 1) is opened, the
skip level is 1.2 V (Vskip = 1.2 V). This corresponds to a
40% Icsskip (%Icsskip = 1.2 V / 3.0 V
100% = 40%).
Therefore, the controller will enter skip mode when the
peak current is less than 40% of the maximum peak current.
However, this level can be externally adjusted by placing
a resistor Rskip between skip/latch pin (Pin 1) and Ground
(Pin 4). The level will change according to equation 6.
Vskip + Rskip
Iskip
(eq. 6)
To operate in skip cycle mode, Vskip must be between
0 V and 3.0 V. Therefore, Rskip must be within the levels
given in Table 1.
Table 1. Skip Resistor Rskip Range for Dmax = 80% and Iskip = 43 mA
%Icsskip
Vskip or Vpin1
Rskip
Comment
0%
0 V
0 W
Never skips.
12%
0.375 V
8.7 kW
25%
0.75 V
17.4 kW
40%
1.2 V
28 kW
50%
1.5 V
34.8 kW
100%
3.0 V
70 kW
Always skips.


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com