Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP1271 Datasheet HTML 10Page - ON Semiconductor NCP1271 Datasheet HTML 11Page - ON Semiconductor NCP1271 Datasheet HTML 12Page - ON Semiconductor NCP1271 Datasheet HTML 13Page - ON Semiconductor NCP1271 Datasheet HTML 14Page - ON Semiconductor NCP1271 Datasheet HTML 15Page - ON Semiconductor NCP1271 Datasheet HTML 16Page - ON Semiconductor NCP1271 Datasheet HTML 17Page - ON Semiconductor NCP1271 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NCP1271
http://onsemi.com
14
Ramp Compensation
Ramp compensation is a known mean to cure
subharmonic oscillations. These oscillations take place at
half the switching frequency and occur only during
continuous conduction mode (CCM) with a duty−cycle
greater than 50%. To lower the current loop gain, one
usually injects between 50 and 75% of the inductor down
slope. The NCP1271 generates an internal current ramp
that is synchronized with the clock. This current ramp is
then routed to the CS pin. Figures 32 and 33 depict how the
ramp is generated and utilized. Ramp compensation is
simply formed by placing a resistor, Rramp, between the CS
pin and the sense resistor.
Figure 32. Internal Ramp Current Source
Ramp current, I
0
100uA
time
80% of period
ramp
100% of period
Figure 33. Inserting a Resistor in Series with the
Current Sense Information brings Ramp Compensation
Clock
Current
Ramp
Oscillator
DRIVE
CS
Rramp
Rsense
100 mA Peak
For the NCP1271, the current ramp features a swing of
100
mA. Over a 65 kHz frequency with an 80% max duty
cycle, that corresponds to an 8.1
mA/ms ramp. For a typical
flyback design, let’s assume that the primary inductance
(Lp) is 350
mH, the SMPS output is 19 V, the Vf of the
output diode is 1 V and the Np:Ns ratio is 10:1. The OFF
time primary current slope is given by:
(eq. 3)
(Vout ) Vf) @
Np
Ns
Lp
+ 571 V mH + 571 mA ms
When projected over an Rsense of 0.1
W (for example),
this becomes or 57 mV/
ms. If we select 75% of the
downslope as the required amount of ramp compensation,
then we shall inject 43 mV/
ms. Therefore, Rramp is simply
equal to:
(eq. 4)
Rramp +
43 mV ms
8.1 mA ms +
5.3 kW
It is recommended that the value of Rramp be limited to
less then 10 k
W. Values larger than this will begin to limit
the effective duty cycle of the controller and may result in
reduced transient response.
Frequency Jittering
Frequency jittering is a method used to soften the EMI
signature by spreading the energy in the vicinity of the main
switching component. The NCP1271 switching frequency
ranges from +7.5% to −7.5% of the switching frequency in
a linear ramp with a typical period of 6 ms. Figure 34
demonstrates how the oscillation frequency changes.
Figure 34. Frequency Jittering
(The values are for the 100 kHz frequency option)
time
Oscillator Frequency
92.5 kHz
107.5 kHz
100 kHz
6 ms
Fault Detection
Figure 35 details the timer−based fault detection
circuitry. When an overload (or short circuit) event occurs,
the output voltage collapses and the optocoupler does not
conduct current. This opens the FB pin (pin 2) and VFB is
internally pulled higher than 3.0 V. Since (VFB/3) is greater
than 1 V, the controller activates an error flag and starts a
130 ms timer. If the output recovers during this time, the
timer is reset and the device continues to operate normally.
However, if the fault lasts for more than 130 ms, then the
driver turns off and the device enters the VCC Double
Hiccup mode discussed earlier. At the end of the double
hiccup, the controller tries to restart the application.
Figure 35. Block Diagram of Timer−Based Fault
Detection
Softstart
FB
130ms
delay
1V max
Fault
&
+
2
VSS
VFB
disable Drv
VFB
3
4.8V


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com