Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP1271 Datasheet HTML 8Page - ON Semiconductor NCP1271 Datasheet HTML 9Page - ON Semiconductor NCP1271 Datasheet HTML 10Page - ON Semiconductor NCP1271 Datasheet HTML 11Page - ON Semiconductor NCP1271 Datasheet HTML 12Page - ON Semiconductor NCP1271 Datasheet HTML 13Page - ON Semiconductor NCP1271 Datasheet HTML 14Page - ON Semiconductor NCP1271 Datasheet HTML 15Page - ON Semiconductor NCP1271 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NCP1271
http://onsemi.com
12
external components during a fault event. After the second
cycle, the controller tries to restart the application. If the
restart is not successful, then the process is repeated.
During this mode, VCC never drops below the 4 V latch
reset level. Therefore, latched faults will not be cleared
unless the application is unplugged from the AC line (i.e.,
Vbulk discharges).
Figure 25 shows a timing diagram of the VCC double
hiccup operation. Note that at each restart attempt, a soft
start is issued to minimize stress.
Figure 25. VCC Double Hiccup Operation in a Fault
Condition
5.8 V
12.6 V
9.1 V
D
tstartup
time
CC
Supply voltage, V
time
Drain current, I
Switching is missing in
every two VCC hiccup cycles
featuring a “double−hiccup”
VCC Capacitor
As stated earlier, the NCP1271 enters a fault condition
when the feedback pin is open (i.e. FB is greater than 3 V)
for 130 ms or VCC drops below VCC(off) (9.1 V typical).
Therefore, to take advantage of these features, the VCC
capacitor needs to be sized so that operation can be
maintained in the absence of the auxiliary winding for at
least 130 ms.
The controller typically consumes 2.3 mA at a 65 kHz
frequency with a 1 nF switch gate capacitance. Therefore,
to ensure at least 130 ms of operation, equation 1 can be
used to calculate that at least an 85
mF capacitor would be
necessary.
tstartup +
CVCCDV
ICC1
+
85 mF · (12.6 V−9.1 V)
2.3 mA
+ 130 ms
(eq. 1)
If the 130 ms timer feature will not be used, then the
capacitance value needs to at least be large enough for the
output to charge up to a point where the auxiliary winding
can supply VCC. Figure 26 describes different startup
scenarios with different VCC capacitor values. If the VCC
cap is too small, the application fails to start because the
bias supply voltage cannot be established before VCC is
reduced to the VCC(off) level.
Figure 26. Different Startup Scenarios of the
Circuits with Different VCC Capacitors
time
V
Vout
CC
time
VCC
out
V
9.1 V
12.6 V
5.8 V
9.1 V
12.6 V
tstartup
0.6 V
0.6 V
Output waveforms with a large enough VCC capacitor
Output waveforms with too small of a VCC capacitor
Desired level of Vout
It is highly recommended that the VCC capacitor be as
close as possible to the VCC and ground pins of the product
to reduce switching noise. A small bypass capacitor on this
pin is also recommended. If the switching noise is large
enough, it could potentially cause VCCto go below VCC(off)
and force a restart of the controller.
It is also recommended to have a margin between the
winding bias voltage and VCC(off) so that all possible
transient swings of the auxiliary winding are allowed. In
standby mode, the VCC voltage swing can be higher due to
the low−frequency skip−cycle operation. The VCC
capacitor also affects this swing. Figure 27 illustrates the
possible swings.
Figure 27. Timing Diagram of Standby Condition
V
FB
D
9.1 V
CC
skip
time
Supply voltage, V
time
Feedback pin voltage, V
time
Drain current, I


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com