Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1271 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1271
Description  Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1271 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1271 Datasheet HTML 6Page - ON Semiconductor NCP1271 Datasheet HTML 7Page - ON Semiconductor NCP1271 Datasheet HTML 8Page - ON Semiconductor NCP1271 Datasheet HTML 9Page - ON Semiconductor NCP1271 Datasheet HTML 10Page - ON Semiconductor NCP1271 Datasheet HTML 11Page - ON Semiconductor NCP1271 Datasheet HTML 12Page - ON Semiconductor NCP1271 Datasheet HTML 13Page - ON Semiconductor NCP1271 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NCP1271
http://onsemi.com
10
OPERATING DESCRIPTION
Introduction
The NCP1271 represents a new generation of the
fixed−frequency PWM current−mode flyback controllers
from ON Semiconductor. The device features integrated
high−voltage startup and excellent standby performance.
The proprietary Soft−Skip Mode achieves extremely
low−standby power consumption while keeping power
supply acoustic noise to a minimum. The key features of
the NCP1271 are as follows:
Timer−Based Fault Detection: In the event that an
abnormally large load is applied to the output for more
than 130 ms, the controller will safely shut the
application down. This allows accurate overload (OL)
or short−circuit (SC) detection which is not dependent
on the auxiliary winding.
Soft−Skip Mode: This proprietary feature of the
NCP1271 minimizes the standby low−frequency
acoustic noise by ramping the peak current envelope
whenever skip is activated.
Adjustable Skip Threshold: This feature allows the
power level at which the application enters skip to be
fully adjusted. Thus, the standby power for various
applications can be optimized. The default skip level
is 1.2 V (40% of the maximum peak current).
500 V High−Voltage Startup Capability: This
AC−DC application friendly feature eliminates the
need for an external startup biasing circuit, minimizes
the standby power loss, and saves printed circuit board
(PCB) space.
Dual High−Voltage Startup−Current Levels: The
NCP1271 uniquely provides the ability to reduce the
startup current supply when Vcc is low. This prevents
damage if Vcc is ever shorted to ground. After Vcc
rises above approximately 600 mV, the startup current
increases to its full value and rapidly charges the Vcc
capacitor.
Latched Protection: The NCP1271 provides a pin,
which if pulled high, places the part in a latched off
mode. Therefore, overvoltage (OVP) and
overtemperature (OTP) protection can be easily
implemented. A noise filter is provided on this function
to reduce the chances of falsely triggering the latch. The
latch is released when Vcc is cycled below 4 V.
Non−Latched Protection/ Shutdown Option: By
pulling the feedback pin below the skip threshold
level, a non−latching shutdown mode can be easily
implemented.
4.0 ms Soft−Start: The soft start feature slowly ramps
up the drive duty cycle at startup. This forces the
primary current to also ramp up slowly and
dramatically reduces the stress on power components
during startup.
Current−Mode Operation: The NCP1271 uses
current−mode control which provides better transient
response than voltage−mode control. Current−mode
control also inherently limits the cycle−by−cycle
primary current.
Compensation Ramp: A drawback of current−mode
regulation is that the circuit may become unstable
when the operating duty cycle is too high. The
NCP1271 offers an adjustable compensation ramp to
solve this instability.
80% Maximum Duty Cycle Protection: This feature
limits the maximum on time of the drive to protect the
power MOSFET from being continuously on.
Frequency Jittering: Frequency jittering softens the
EMI signature by spreading out peak energy within a
band +/− 7.5% from the center frequency.
Switching Frequency Options: The NCP1271 is
available in either 65 kHz or 100 kHz fixed frequency
options. Depending on the application, the designer
can pick the right device to help reduce magnetic
switching loss or improve the EMI signature before
reaching the 150 kHz starting point for more
restrictive EMI test limits.
NCP1271 Operating Conditions
There are 5 possible operating conditions for the NCP1271:
1. Normal Operation – When VCC is above VCC(off)
(9.1 V typical) and the feedback pin voltage (VFB)
is within the normal operation range (i.e.,VFB < 3.0
V), the NCP1271 operates as a fixed−frequency
current−mode PWM controller.
2. Standby Operation (or Skip−Cycle Operation)
When the load current drops, the compensation
network responds by reducing the primary peak
current. When the peak current reaches the skip
peak current level, the NCP1271 enters Soft−Skip
operation to reduce the power consumption. This
Soft−Skip feature offers a modified peak current
envelope and hence also reduces the risk of audible
noise. In the event of a sudden load increase, the
transient load detector (TLD) disables Soft−Skip
and applies maximum power to bring the output
into regulation as fast as possible.
3. Fault Operation – When no feedback signal is
received for 130 ms or when VCC drops below
VCC(off) (9.1 V typical), the NCP1271 recognizes it
as a fault condition. In this fault mode, the Vcc
voltage is forced to go through two cycles of slowly
discharging and charging. This is known as a
“double hiccup.” The double hiccup insures that
ample time is allowed between restarts to prevent
overheating of the power devices. If the fault is


Similar Part No. - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271 ONSEMI-NCP1271 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP12711 ONSEMI-NCP12711 Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP12711ADNR2G ONSEMI-NCP12711ADNR2G Datasheet
1Mb / 24P
   Current Mode PWM Controller
April, 2022 - Rev. P0
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
More results

Similar Description - NCP1271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219 ONSEMI-NCP1219_V01 Datasheet
178Kb / 20P
   PWM Controller with Adjustable Skip Level and External Latch Input
February, 2022 - Rev. 4
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
   Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Grenergy Opto, lnc.
GR8837 GRENERGY-GR8837 Datasheet
721Kb / 14P
   Green-Mode PWM Controller with Latch Protection
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com