Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-MPW Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # 3S4YR-MPW
Description  Reliable Reader/Writer Handles Pre-Paid Stored Value Magnetic Cards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MPW Datasheet(HTML) 3 Page - Omron Electronics LLC

  3S4YR-MPW Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MPW Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MPW Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MPW Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3S4YR-MPW
3S4YR-MPW
3
Dimensions
Unit: mm (inch)
19
(0.75)
3
(0.12)
35
(1.38)
Interface connector
Card reader
mounting leg
10
144 (5.67)
160 (6.30)
195
± 1 (7.68 ± .04)
35
44 (1.73)
(Punch center)
29 (1.14)
8 (0.31)
15.1 (0.59)
Punch
center
37 (1.46)
Card center
10
82
± 1
(3.23
± .04)
102
(4.02)
Direction of
card insertion
Back of
card
Duct for punch chips
ø 11
5 (0.20)
8
(0.31)
18.5
(0.73)
50
(1.97)
max.
6 (0.24)
s 3S4YR-MPW with shutter
s 3S4YR-MPW without shutter
19
(0.75)
3
(0.12)
35
(1.38)
Interface connector
Card reader
mounting leg
10
144 (5.67)
160 (6.30)
195
± 1 (7.68 ± .04)
35
44 (1.73)
(Punch center)
29 (1.14)
8 (0.31)
15.1 (0.59)
Punch
center
37 (1.46)
Card center
10
82
± 1
(3.23
± .04)
102
(4.02)
Direction of
card insertion
Back of
card
Duct for punch chips
ø 11
5 (0.20)
8
(0.31)
18.5
(0.73)
50
(1.97)
max.
6 (0.24)


Similar Part No. - 3S4YR-MPW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
Motor Driven Card Reader
More results

Similar Description - 3S4YR-MPW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
3S4YR-MCR OMRON-3S4YR-MCR Datasheet
568Kb / 5P
Versatile Reader/Writer Reliably Handles Read Function for Magnetic Cards or Read/Write Function for IC Cards
3S4YR-HNW OMRON-3S4YR-HNW Datasheet
679Kb / 3P
Low Profile Magnetic Card Reader/Writer for Economical Design
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
Motor Driven Card Reader/Writer
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
SD/MicroSD/MMC Card Reader/Writer
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
56-in-1 Memory Card Reader/Writer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com