Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3S4YR-MPW Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-MPW
Description  Reliable Reader/Writer Handles Pre-Paid Stored Value Magnetic Cards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MPW Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-MPW Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MPW Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MPW Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MPW Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3S4YR-MPW
3S4YR-MPW
2
Engineering Data
s I/O INFORMATION
MPW connector (26-pin)
JAE PS-26PLB-D4LT1-FL1 for card reader/writer side.
JAE PS-26SLA-D4C2 for the cable side.
Part number
3S4YR-MPW
Recommended card type
PET card: 85.8L x 53.9W mm (3.38L x 2.12W in); thickness: 0.2 mm
Paper card: 85.6L x 53.8W mm (3.37L x 2.12W in); thickness: 0.2 mm to 0.3 mm
High-coercivity card
Recording method
FM decoding (F2F)
Card feeding speed
35 cm/sec (14 in/sec)
Recording density
210 BPI (72 characters max.)
Motor type
DC motor
Service life (See note)
Punch unit
200,000 times
Entire unit
500,000 passes (excluding the above mentioned parts)
Operating power supply
24 VDC
± 10%
Current consumption
3 A max.
Mounting location
Indoors away from wind, rain, and sunlight
Ambient temperature
Operation
0
° to 50°C (32° to 122°F)
Storage
-15
° to 60°C (5° to 140°F)
Ambient humidity
Operation
35% to 80% RH without condensation
Storage
20% to 90% RH
Vibration
Operation
1.5 G in X, Y, and Z directions, respectively, for 8 minutes each
Storage
2.0 G in X, Y, and Z directions, respectively, for 8 minutes each
Shock
Storage
20 G in X, Y, and Z directions, respectively, for 3 times each
Dimensions
195L x 82W x 50H mm (7.68L x 3.23W x 1.97H in)
Weight
About 0.8 kg (1.76 lbs)
Specifications
Note: One pass denotes one round trip
Pin #
Signal
Input/Output
1FG
2FG
3
+24 V
4
+24 V
5
+24 V
6PG
7PG
8PG
9
RCP1
Output
10
RDD1
Output
11
SS1
Output
12
SS2
Output
13
SS3
Output
3S4YR-MPW Interface Connector
Pin #
Signal
Input/Output
14
SS4
Output
15
SSH
Output
16
NC
17
MSWPE Input
18
WDT
Input
19
I/O ON
Input
20
SHUTT
Input
21
MSPCO Input
22
PUNCH
Input
23
MREVE
Input
24
MFORW Input
25
MOCLK
Output
26
MOCP
Output


Similar Part No. - 3S4YR-MPW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1 OMRON-3S4YR-MBR1 Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
Motor Driven Card Reader
3S4YR-MBR1D OMRON-3S4YR-MBR1D Datasheet
163Kb / 5P
Motor Driven Card Reader
More results

Similar Description - 3S4YR-MPW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
3S4YR-MMX OMRON-3S4YR-MMX Datasheet
1Mb / 6P
Reliable Reader/Writer Handles Magnetic Cards
3S4YR-MCR OMRON-3S4YR-MCR Datasheet
568Kb / 5P
Versatile Reader/Writer Reliably Handles Read Function for Magnetic Cards or Read/Write Function for IC Cards
3S4YR-HNW OMRON-3S4YR-HNW Datasheet
679Kb / 3P
Low Profile Magnetic Card Reader/Writer for Economical Design
3S4YR-MKW OMRON-3S4YR-MKW Datasheet
525Kb / 5P
Motor Driven Card Reader/Writer
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
3S4YR-MM OMRON-3S4YR-MM Datasheet
1Mb / 6P
Motor Driven Card Reader/Writer
3S4YR-MVF OMRON-3S4YR-MVF Datasheet
389Kb / 4P
Motor Driven Card Reader/Writer
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
SD/MicroSD/MMC Card Reader/Writer
GFR281 IOGEAR-GFR281 Datasheet
246Kb / 3P
56-in-1 Memory Card Reader/Writer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com