Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SP6464 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SP6464 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61SP6464 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IS61SP6464
ISSI®
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
TRUTH TABLE
ADDRESS
OPERATION
USED
CE3
CE2
CE3
CE2
CE
ADSP ADSC ADV WRITE
OE CLK
I/O
Deselected, Power-down
None
X
X
X
X
H
X
L
X
X
X
L-H
High-Z
Deselected, Power-down
None
L
X
X
X
L
L
XXXX
L-H
High-Z
Deselected, Power-down
None
X
L
X
X
L
L
XXXX
L-H
High-Z
Deselected, Power-down
None
X
X
H
X
L
L
XXXX
L-H
High-Z
Deselected, Power-down
None
X
X
X
H
L
L
XXXX
L-H
High-Z
Deselected, Power-down
None
L
X
X
X
L
H
L
X
X
X
L-H
High-Z
Deselected, Power-down
None
X
L
X
X
L
H
L
X
X
X
L-H
High-Z
Deselected, Power-down
None
X
X
H
X
L
H
L
X
X
X
L-H
High-Z
Deselected, Power-down
None
X
X
X
H
L
H
L
X
X
X
L-H
High-Z
Read Cycle, Begin Burst
External
H
H
L
L
L
L
X
X
X
L
L-H
Dout
Read Cycle, Begin Burst
External
H
H
L
L
L
L
X
X
X
H
L-H
High-Z
Write Cycle, Begin Burst
External
H
H
L
L
L
H
L
X
L
X
L-H
Din
Read Cycle, Begin Burst
External
H
H
L
L
L
H
L
X
H
L
L-H
Dout
Read Cycle, Begin Burst
External
H
H
L
L
L
H
L
X
H
H
L-H
High-Z
Read Cycle, Continue Burst
Next
X
X
X
X
X
H
H
L
H
L
L-H
Dout
Read Cycle, Continue Burst
Next
X
X
X
X
X
H
H
L
H
H
L-H
High-Z
Read Cycle, Continue Burst
Next
X
X
X
X
H
X
H
L
H
L
L-H
Dout
Read Cycle, Continue Burst
Next
X
X
X
X
H
X
H
L
H
H
L-H
High-Z
Write Cycle, Continue Burst
Next
X
X
X
X
X
H
H
L
L
X
L-H
Din
Write Cycle, Continue Burst
Next
X
X
X
X
H
X
H
L
L
X
L-H
Din
Read Cycle, Suspend Burst
Current
X
X
X
X
X
HHHH
L
L-H
Dout
Read Cycle, Suspend Burst
Current
X
X
X
X
X
HHHHH
L-H
High-Z
Read Cycle, Suspend Burst
Current
X
X
X
X
H
X
H
H
H
L
L-H
Dout
Read Cycle, Suspend Burst
Current
X
X
X
X
H
X
HHHH
L-H
High-Z
Write Cycle, Suspend Burst
Current
X
X
X
X
X
H
H
H
L
X
L-H
Din
Write Cycle, Suspend Burst
Current
X
X
X
X
H
X
H
H
L
X
L-H
Din
Notes:
1. All inputs except
OE must meet setup and hold times for the Low-to-High transition of clock (CLK).
2. Wait states are inserted by suspending burst.
3. X means don't care.
WRITE=L means any one or more byte write enable signals (BW1-BW8) and BWE are LOW or GW is LOW.
WRITE=H means all byte write enable signals are HIGH.
4. For a Write operation following a Read operation,
OE must be HIGH before the input data required setup time and held HIGH
throughout the input data hold time.
5.
ADSP LOW always initiates an internal READ at the Low-to-High edge of clock. A WRITE is performed by setting one or more
byte write enable signals and
BWE LOW or GW LOW for the subsequent L-H edge of clock.


Similar Part No. - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
3.3V 64K x 18 Synchronous QuadPort??Static RAM
November 18, 1999
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
64K x 1 Static RAM
August 24, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com