Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61SP6464 Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61SP6464 Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS61SP6464 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61SP6464 Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
IS61SP6464
ISSI®
12
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-133 MHz
-117 MHz
-100 MHz
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tKC
Cycle Time
7.5
8.5
10
ns
tKH
Clock High Time
3
3.4
4
ns
tKL
Clock Low Time
3
3.4
4
ns
tAS
Address Setup Time
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
2.5
ns
tDS
Data In Setup Time
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
2.5
ns
tAVS
Address Advance Setup Time
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
ns
tDH
Data In Hold Time
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
0.5
ns
WRITE CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-6 ns
-7 ns
-8 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tKC
Cycle Time
12
13
15
ns
tKH
Clock High Time
4.5
5
6
ns
tKL
Clock Low Time
4.5
5
6
ns
tAS
Address Setup Time
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
2.5
ns
tDS
Data In Setup Time
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
2.5
ns
tAVS
Address Advance Setup Time
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
ns
tDH
Data In Hold Time
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
0.5
ns


Similar Part No. - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IS61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
3.3V 64K x 18 Synchronous QuadPort??Static RAM
November 18, 1999
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
64K x 1 Static RAM
August 24, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com