Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4518B Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # HEF4518B
Description  Dual BCD counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HEF4518B Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button HEF4518B Datasheet HTML 5Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 6Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 7Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 8Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 9Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 10Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 11Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 12Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Nexperia
HEF4518B
Dual BCD counter
12. Package outline
X
w M
θ
A
A1
A2
bp
D
HE
Lp
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
8
9
1
16
y
pin 1 index
UNIT
A
max.
A1
A2
A3
bp
c
D(1)
E(1)
(1)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
10.0
9.8
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT109-1
99-12-27
03-02-19
076E07
MS-012
0.069 0.010
0.004
0.057
0.049 0.01
0.019
0.014
0.0100
0.0075
0.39
0.38
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.020
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
0
2.5
5 mm
scale
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
Fig. 7. Package outline SOT109-1 (SO16)
HEF4518B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 3 December 2021
10 / 13


Similar Part No. - HEF4518B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BD PHILIPS-HEF4518BD Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BF PHILIPS-HEF4518BF Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BN PHILIPS-HEF4518BN Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BP PHILIPS-HEF4518BP Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
More results

Similar Description - HEF4518B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
   Dual BCD Programmable Down Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com