Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4518B Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # HEF4518B
Description  Dual BCD counter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HEF4518B Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  HEF4518B Datasheet HTML 1Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 2Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 3Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 4Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 5Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 6Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 7Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 8Page - Nexperia B.V. All rights reserved HEF4518B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
HEF4518B
Dual BCD counter
10. Static characteristics
Table 6. Static characteristics
VSS = 0 V; VI = VSS or VDD unless otherwise specified.
Tamb = -40 °C Tamb = +25 °C Tamb = +85 °C
Symbol Parameter
Conditions
VDD
Min
Max
Min
Max
Min
Max
Unit
5 V
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
V
VIH
HIGH-level input voltage
|IO| < 1 μA
15 V
11.0
-
11.0
-
11.0
-
V
5 V
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
V
VIL
LOW-level input voltage
|IO| < 1 μA
15 V
-
4.0
-
4.0
-
4.0
V
5 V
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
V
VOH
HIGH-level output voltage |IO| < 1 μA
15 V
14.95
-
14.95
-
14.95
-
V
5 V
-
0.05
-
0.05
-
0.05 V
10 V
-
0.05
-
0.05
-
0.05 V
VOL
LOW-level output voltage |IO| < 1 μA
15 V
-
0.05
-
0.05
-
0.05 V
VO = 2.5 V
5 V
-
-1.7
-
-1.4
-
-1.1 mA
VO = 4.6 V
5 V
-
-0.52
-
-0.44
-
-0.36 mA
VO = 9.5 V
10 V
-
-1.3
-
-1.1
-
-0.9 mA
IOH
HIGH-level output current
VO = 13.5 V
15 V
-
-3.6
-
-3.0
-
-2.4 mA
VO = 0.4 V
5 V
0.52
-
0.5
-
0.36
-
mA
VO = 0.5 V
10 V
1.3
-
1.1
-
0.9
-
mA
IOL
LOW-level output current
VO = 1.5 V
15 V
3.6
-
3.0
-
2.4
-
mA
II
input leakage current
VDD = 15 V
15 V
-
±0.3
-
±0.3
-
±1.0 μA
5 V
-
20
-
20
-
150 μA
10 V
-
40
-
40
-
300 μA
IDD
supply current
IO = 0 A
15 V
-
80
-
80
-
600 μA
CI
input capacitance
-
-
-
-
7.5
-
-
pF
HEF4518B
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 3 December 2021
5 / 13


Similar Part No. - HEF4518B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BD PHILIPS-HEF4518BD Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BF PHILIPS-HEF4518BF Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BN PHILIPS-HEF4518BN Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
HEF4518BP PHILIPS-HEF4518BP Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
More results

Similar Description - HEF4518B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
   Dual BCD Programmable Down Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com