Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 15 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 11Page - International Rectifier IRS2166DSPBF Datasheet HTML 12Page - International Rectifier IRS2166DSPBF Datasheet HTML 13Page - International Rectifier IRS2166DSPBF Datasheet HTML 14Page - International Rectifier IRS2166DSPBF Datasheet HTML 15Page - International Rectifier IRS2166DSPBF Datasheet HTML 16Page - International Rectifier IRS2166DSPBF Datasheet HTML 17Page - International Rectifier IRS2166DSPBF Datasheet HTML 18Page - International Rectifier IRS2166DSPBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 15
⎟⎟
⎜⎜
+
+
=
1475
51
.
0
2
1
PH
T
PH
T
T
PH
R
R
R
R
C
f
[Hz]
(5)
or
⎟⎟
⎜⎜
⎟⎟
⎜⎜
=
2892
02
.
1
1
2892
02
.
1
1
PH
T
T
T
PH
T
PH
f
C
R
R
f
C
R
[Ω]
(6)
Step 4: Program Preheat Time
The preheat time is defined by the time it takes for the
capacitor on pin CPH to charge up to 12 V. An internal
current source of 3.6 µA (ICPH) flows out of pin CPH. The
preheat time is therefore given as:
6
6
.
2 e
C
t
PH
PH
=
[s]
(7)
or
6
385
.
0
=
e
t
C
PH
PH
[F]
(8)
Step 5: Program Maximum Ignition Current
The maximum ignition current is programmed with the
external resistor RCS and an internal threshold of 1.20 V.
This threshold determines the over-current limit of the
ballast, which can be exceeded when the frequency
ramps down towards resonance during ignition and the
lamp does not ignite. The maximum ignition current is
given as:
CS
IGN
R
VCSTH
I
+
=
[A]
(9)
or
IGN
CS
I
VCSTH
R
+
=
[Ω]
(10)
PFC Design Equations
Step1: Calculate PFC inductor value:
VBUS
P
f
VAC
VAC
VBUS
L
OUT
MIN
MIN
MIN
PFC
=
2
)
2
(
2
η
[H]
(1)
where,
VBUS
= DC bus voltage
MIN
VAC
= Minimum rms AC input voltage
η = PFC efficiency (typically 0.95)
MIN
f
= Minimum PFC switching frequency at minimum
AC input voltage
OUT
P
= Ballast output power
Step 2: Calculate peak PFC inductor current:
η
=
MIN
OUT
PK
VAC
P
i
2
2
[A]
(2)
Note: The PFC inductor must not saturate at
PK
i
over
the specified ballast operating temperature range. Proper
core sizing and air-gapping should be considered in the
inductor design.
Step 3: Calculate maximum on-time:
η
=
2
2
MIN
PFC
OUT
ON
VAC
L
P
t
MAX
[s]
(3)
Step 4: Calculate maximum COMP voltage:
6
9
.
0
=
E
t
V
MAX
ON
MAX
COMP
[V]
(4)
Step 5: Select zener diode DCOMP value:
COMP
D
zener voltage
MAX
COMP
V
[V]
(5)
Step 6: Calculate resistor RSUPPY value:
IQCCUV
VAC
R
PK
MIN
SUPPLY
10
+
=
[Ω]
(6)


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
PFC BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com