Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 14 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 14 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 10Page - International Rectifier IRS2166DSPBF Datasheet HTML 11Page - International Rectifier IRS2166DSPBF Datasheet HTML 12Page - International Rectifier IRS2166DSPBF Datasheet HTML 13Page - International Rectifier IRS2166DSPBF Datasheet HTML 14Page - International Rectifier IRS2166DSPBF Datasheet HTML 15Page - International Rectifier IRS2166DSPBF Datasheet HTML 16Page - International Rectifier IRS2166DSPBF Datasheet HTML 17Page - International Rectifier IRS2166DSPBF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 14
Fig. 14:
External over-current protection circuit
Should high currents occur, the voltage across the
current-sensing resistor will exceed the 4.3 V over-
voltage protection threshold at the VBUS pin and the PFC
MOSFET will turn off safely limiting the current. The
watch-dog timer will then restart the PFC as normal (Fig.
15). The current sensing resistor value should be
selected such that the over-current protection does not
false trip during normal operation over the entire line
voltage range and load range. A current-sensing resistor
value, for example, of 1.0 W will set the over-current
protection threshold to about 5 A peak.
Fig. 15:
PFC inductor current limited using over-current
protection circuit (upper trace: DC Bus, 100 V/div; middle
trace: AC line input voltage, 100 V/ div; lower trace: PFC
inductor current 1 A/div).
The effect that these line and load conditions have on the
performance of the ballast depends on the saturation
level of the PFC inductor, the selection of the PFC
MOSFET, the DC bus capacitor value, the maximum on-
time limit set by DZCOMP, and, how fast VCC decreases
below UVLO- when the DC bus drops during ignition (the
3 V reset on the VBUS pin does not become active until
RUN mode).
For these reasons, the ballast designer should perform
these mains interrupt and ignition tests carefully to
determine the robustness of their final design and to
decide if this additional over-current protection circuit is
necessary.
Ballast Design Equations
Note: The results from the following design equations can
differ slightly from experimental measurements due to IC
tolerances, component tolerances, and oscillator over-
and under-shoot due to internal comparator response
time.
Step 1: Program Deadtime
The deadtime between the gate driver outputs HO and
LO is programmed with timing capacitor CT and an
internal deadtime resistor RDT. The deadtime is the
discharge time of capacitor CT from 3/5 V
CC to 1/3 VCC
and is given as:
1475
=
T
DT
C
t
[s]
(1)
or
1475
DT
T
t
C
=
[F]
(2)
Step 2: Program Run Frequency
The final run frequency is programmed with timing
resistor RT and timing capacitor CT. The charge time of
capacitor CT from 1/3 V
CC to 3/5 VCC determines the on-
time of HO and LO gate driver outputs. The run frequency
is therefore given as:
)
1475
51
.
0
(
2
1
+
=
T
T
RUN
R
C
f
[Hz]
(3)
or
2892
02
.
1
1
=
RUN
T
T
f
C
R
[Ω]
(4)
Step 3: Program Preheat Frequency
The preheat frequency is programmed with timing
resistors RT and RPH, and timing capacitor CT. The timing
resistors are connected in parallel internally for the
duration of the preheat time. The preheat frequency is
therefore given as:


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
PFC BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com