Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 7Page - International Rectifier IRS2166DSPBF Datasheet HTML 8Page - International Rectifier IRS2166DSPBF Datasheet HTML 9Page - International Rectifier IRS2166DSPBF Datasheet HTML 10Page - International Rectifier IRS2166DSPBF Datasheet HTML 11Page - International Rectifier IRS2166DSPBF Datasheet HTML 12Page - International Rectifier IRS2166DSPBF Datasheet HTML 13Page - International Rectifier IRS2166DSPBF Datasheet HTML 14Page - International Rectifier IRS2166DSPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 11
VCC is above VCCUV+ (ballast power on) and SD is pulled
above 5.0 V (VSDTH+) and back below 3.0 V (VSDTH-) (lamp
re-insertion), the IC will enter preheat mode and begin
oscillating again.
The current sense function will force the IC to enter fault
mode only after the voltage at the CS pin has been
greater than 1.20 V (VCSTH+) for 100 (nEVENTS) consecutive
cycles of LO. The over-current function at the CS pin
(see Fig. 5) will only consecutive cycles of LO. The over-
current function at the CS pin (see Fig. 5) will only work
with over-current events that occur during the LO on-time.
If the over-current faults are not consecutive, then the
internal fault counter will count back down each cycle
when there is no fault present. Should an over-current
fault occur only for a few cycles and then not occur again,
the counter will eventually count back down to zero. The
over-current fault counter is enabled during preheat and
ignition modes and disabled during run mode. During run
mode, the IC will enter fault mode after a single over-
current event at the CS pin.
II. PFC Section
Functional Description
In most electronic ballasts it is necessary to have the
circuit act as a pure resistive load to the AC input line
voltage. The degree to which the circuit matches a pure
resistor is measured by the phase shift between the input
voltage and input current and how well the shape of the
input current waveform matches the shape of the
sinusoidal input voltage. The cosine of the phase angle
between the input voltage and input current is defined as
the power factor (PF), and how well the shape of the input
current waveform matches the shape of the input voltage
is determined by the total harmonic distortion (THD). A
power factor of 1.0 (maximum) corresponds to zero
phase shift and a THD of 0% represents a pure sinewave
(no distortion). For this reason it is desirable to have a
high PF and a low THD. To achieve this, the IRS2166D
includes an active power factor correction (PFC) circuit
which, for an AC line input voltage, produces an AC line
input current.
The control method implemented in the IRS2166D is for a
boost-type converter (Fig. 6) running in critical-conduction
mode (CCM). This means that during each switching
cycle of the PFC MOSFET, the circuit waits until the
inductor current discharges to zero before turning the
PFC MOSFET on again. The PFC MOSFET is turned on
and off at a much higher frequency (>10 kHz) than the
line input frequency (50 Hz to 60 Hz).
CBUS
+
(+)
(-)
MPFC
LPFC
DPFC
DC Bus
Fig. 6:
Boost-type PFC circuit
LO
CS
50 Pulses
Preheat or Ignition Mode
Fault Mode
2.0V
Fig. 5:
CS & LO Waveforms
When the switch MPFC is turned on, the inductor LPFC is
connected between the rectified line input (+) and (-)
causing the current in LPFC to charge up linearly. When
MPFC is turned off, LPFC is connected between the rectified
line input (+) and the DC bus capacitor CBUS (through
diode D
PFC) and the stored current in L
PFC flows into CBUS.
As MPFC is turned on and off at a high-frequency, the
voltage on CBUS charges up to a specified voltage. The
feedback loop of the IRS2166D regulates this voltage to a
fixed value by continuously monitoring the DC voltage
and adjusting the on-time of MPFC accordingly. For an
increasing DC bus the on-time is decreased, and for a
decreasing DC bus the on-time is increased.
This
negative feedback control is performed with a slow loop
speed and a low loop gain such that the average inductor
current smoothly follows the low-frequency line input
voltage for high power factor and low THD. The on-time
of MPFC therefore appears to be fixed (with an additional
modulation to be discussed later) over several cycles of
the line voltage. With a fixed on-time, and an off-time
determined by the inductor current discharging to zero,
the result is a system where the switching frequency is
free-running and constantly changing from a high
frequency near the zero crossing of the AC input line
voltage, to a lower frequency at the peaks (Fig. 7).
V, I
t
Fig. 7:
Sinusoidal line input voltage (solid line), triangular
PFC inductor current and smoothed sinusoidal line input
current (dashed line) over one half-cycle of the line input
voltage
When the line input voltage is low (near the zero
crossing), the inductor current will charge up to a small
amount and the discharge time will be fast resulting in a
high switching frequency. When the input line voltage is
high (near the peak), the inductor current will charge up to
a higher amount and the discharge time will be longer
giving a lower switching frequency. The triangular PFC
inductor current is then smoothed by the EMI filter to
produce a sinusoidal line input current.


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
PFC BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com