Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 5Page - International Rectifier IRS2166DSPBF Datasheet HTML 6Page - International Rectifier IRS2166DSPBF Datasheet HTML 7Page - International Rectifier IRS2166DSPBF Datasheet HTML 8Page - International Rectifier IRS2166DSPBF Datasheet HTML 9Page - International Rectifier IRS2166DSPBF Datasheet HTML 10Page - International Rectifier IRS2166DSPBF Datasheet HTML 11Page - International Rectifier IRS2166DSPBF Datasheet HTML 12Page - International Rectifier IRS2166DSPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 9
I. Ballast Section
Functional Description
Undervoltage Lock-Out Mode (UVLO)
The undervoltage lock-out mode (UVLO) is defined as the
state the IC is in when VCC is below the turn-on threshold
of the IC. To identify the different modes of the IC, refer to
the State Diagram shown on page 7 of this document. The
IRS2166D undervoltage lock-out is designed to maintain
an ultra low supply current of 250 µA (IQCCUV), and to
guarantee the IC is fully functional before the high and low
side output drivers are activated. Fig. 1 shows an efficient
supply voltage using the start-up current of the IRS2166D
together with a charge pump from the ballast output stage
(RSUPPLY, CVCC, DCP1, and DCP2).
LO
COM
VB
VS
HO
V
BUS(+)
V
BUS(-)
VCC
D
BOOT
C
BOOT
16
15
14
13
12
11
M2
M1
C
VCC
R
SUPPLY
D
CP1
D
CP2
Half-Bridge
Output
R
CS
C
SNUB
Fig. 1:
Start-up and supply circuitry
The start-up capacitor (CVCC) is charged by current
through supply resistor (RSUPPLY) minus the start-up current
drawn by the IC. This resistor is chosen to set the line
input voltage turn-on threshold for the ballast. Once the
capacitor voltage on VCC reaches the start-up threshold
VCCUV+, and the SD pin is below 3.0 V (VSDTH-), the IC turns
on and HO and LO begin to oscillate.
The capacitor
begins to discharge due to the increase in IC operating
current (Fig. 2).
During the discharge cycle, the rectified current from the
charge pump charges the capacitor above the IC turn-off
threshold. The charge pump and the internal 15.6 V
(VCLAMP) zener clamp of the IC take over as the supply
voltage.
The start-up capacitor and snubber capacitor
must be selected such that enough supply current is
available over all ballast operating conditions. A supply
capacitor (CBOOT) comprises the supply voltage for the high
side driver circuitry.
To guarantee that the high-side
supply is charged up before the first pulse on pin HO, the
first pulse from the output drivers comes from the LO pin.
During undervoltage lock-out mode, the high- and low-side
driver outputs HO and LO are both low, pin CT is
connected internally to COM to disable the oscillator, and
pin CPH is connected internally to COM for resetting the
preheat time.
DISCHARGE
TIME
INTERNAL VCC
ZENER CLAMP VOLTAGE
VHYST
V
UVLO+
V
UVLO-
CHARGE PUMP
OUTPUT
t
V
C1
R
SUPPLY & CVCC
TIME
CONSTANT
C
VCC
DISCHARGE
Fig. 2:
Supply capacitor (CVCC) voltage
Preheat Mode (PH)
The preheat mode is defined as the state the IC is in
when the lamp filaments are being heated to their correct
emission temperature. This is necessary for maximizing
lamp life and reducing the required ignition voltage. The
IRS2166D enters preheat mode when V
CC exceeds the
UVLO positive-going threshold V
CCUV
+. HO and LO begin
to oscillate at the preheat frequency with 50% duty cycle
and with a deadtime which is set by the value of the
external timing capacitor, CT, and internal deadtime
resistor, RDT. Pin CPH is disconnected from COM and an
internal 3.6 µA (ICPH) current source (Fig. 3) charges the
external preheat timing capacitor on CPH linearly. The
over-current protection on pin CS is enabled during
preheat. The preheat frequency is determined by the
parallel combination of resistors RT and RPH, together
with timing capacitor CT. CT charges and discharges
between 1/3 (VCT-) and 3/5 (VCT+) of VCC (see Timing
Diagram, page 9). CT is charged exponentially through
the parallel combination of RT and RPH connected
internally to VCC through MOSFET S1. The charge time
of CT from 1/3 to 3/5 VCC is the on-time of the respective
output gate driver, HO or LO. Once CT exceeds 3/5 VCC,
MOSFET S1 is turned off, disconnecting RT and RPH from
VCC. CT is then discharged exponentially through an
internal resistor, RDT, through MOSFET S3 to COM. The
discharge time of CT from 3/5 to 1/3 VCC is the deadtime
(both off) of the output gate drivers, HO and LO. The
selected value of CT and RDT program the desired
deadtime (see Design Equations, page 15, Equations 1
and 2). Once CT discharges below 1/3 VCC, MOSFET S3
is turned off, disconnecting RDT from COM, and MOSFET
S1 is turned on, connecting RT and RPH again to VCC. The
frequency remains at the preheat frequency until the
voltage on pin CPH exceeds 10 V and the IC enters
ignition mode. During the preheat mode, both the over-
current protection and the DC bus undervoltage reset are
enabled when pin CPH exceeds 12 V (VCPHRUN).
Ignition Mode (IGN)
The ignition mode is defined as the state the IC is in
when a high voltage is being established across the lamp
necessary for igniting the lamp. The IRS2166D enters
ignition mode when the voltage on pin CPH exceeds
10.8 V (VCPHEOP). Pin CPH is connected internally to the


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com