Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2166DSPBF Datasheet(PDF) 20 Page - International Rectifier

Part # IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2166DSPBF Datasheet(HTML) 20 Page - International Rectifier

Back Button IRS2166DSPBF Datasheet HTML 12Page - International Rectifier IRS2166DSPBF Datasheet HTML 13Page - International Rectifier IRS2166DSPBF Datasheet HTML 14Page - International Rectifier IRS2166DSPBF Datasheet HTML 15Page - International Rectifier IRS2166DSPBF Datasheet HTML 16Page - International Rectifier IRS2166DSPBF Datasheet HTML 17Page - International Rectifier IRS2166DSPBF Datasheet HTML 18Page - International Rectifier IRS2166DSPBF Datasheet HTML 19Page - International Rectifier IRS2166DSPBF Datasheet HTML 20Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 20
Sept 19, 2006
Aug ’06 revision
Sept ’06 revision
Symbol
Definition
Min
Typ
Max
Min
Typ
Max
Units
IQCCUV
UVLO mode VCC quiescent current
---
250
---
---
250
500
µA
IQCC
Quiescent VCC supply current
---
4.0
---
---
4.3
5.1
mA
IQCCFLT
Fault quiescent VCC supply current
---
400
---
---
600
900
µA
ICC,RUN
VCC current at RUN frequency
---
4.5
---
---
5.0
---
mA
IQBS0
Quiescent VBS supply current
---
30
---
---
30
70
uA
IQBS1
Quiescent VBS supply current
---
50
---
---
50
90
uA
ICOMP,SOURCE OTA error amplifier output current sourcing
---
30
---
20
30
40
µA
ICOMP,SINK
OTA error amplifier output current sinking
---
30
---
-45
-35
-25
µA
VCOMPOH
OTA error amplifier output voltage swing (high
state)
---
12.5
---
12.0
12.5
13.0
V
VCOMPOL
OTA error amplifier output voltage swing (low
state)
---
500
---
200
300
400
mV
VZX
ZX pin positve edge triggered threshold
voltage
---
2
---
1.5
2
2.5
V
VZXHYS
ZX pin comparator hysterisis
---
300
---
100
300
500
mV
VZXclamp
ZX pin clamp voltage (high state)
---
6.7
---
5.7
6.7
7.7
V
tWD
PFC watch-dog pulse interval
---
400
---
150
400
500
µs
fPH
Preheat half-bridge oscillator frequency
73
76
82
73
76
81
kHz
VCT+
CT pin rising threshold voltage
7.5
8.4
9.3
7.8
8.4
9.0
V
nEVENTS
CS pin fault counter number of events
---
50
---
70
100
140
VSD,delay
Delay from VSDTH+ until LO goes low
---
TBD
---
---
450
---
ns
VEOL,delay
Delay from VEOLTH+ until LO goes low
---
TBD
---
---
1
---
us
VB,ON
VB when the bootstrap FET is on
13.1
13.7
---
13.2
13.7
---
V
IB,10 V
VB source current when FET is on
10
12
---
9
12
---
mA


Similar Part No. - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results

Similar Description - IRS2166DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
PFC BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com