Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA200 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button INA200 Datasheet HTML 8Page - Burr-Brown (TI) INA200 Datasheet HTML 9Page - Burr-Brown (TI) INA200 Datasheet HTML 10Page - Burr-Brown (TI) INA200 Datasheet HTML 11Page - Burr-Brown (TI) INA200 Datasheet HTML 12Page - Burr-Brown (TI) INA200 Datasheet HTML 13Page - Burr-Brown (TI) INA200 Datasheet HTML 14Page - Burr-Brown (TI) INA200 Datasheet HTML 15Page - Burr-Brown (TI) INA200 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
12
MOVs or VDRs is not recommended except when they are
used in addition to a semiconductor transient absorber.
Select the transient absorber such that it will never allow
the INA200, INA201, and INA202 to be exposed to
transients greater than +80V (that is, allow for transient
absorber tolerance, as well as additional voltage due to
transient absorber dynamic impedance). Despite the use
of internal zener-type ESD protection, the INA200,
INA201, and INA202 do not lend themselves to using
external resistors in series with the inputs since the internal
gain resistors can vary up to
±30%. (If gain accuracy is not
important, then resistors can be added in series with the
INA200, INA201, and INA202 inputs with two equal
resistors on each input.)
OUTPUT VOLTAGE RANGE
The output of the INA200, INA201, and INA202 is accurate
within the output voltage swing range set by the power
supply pin, V+. This performance is best illustrated when
using the INA202 (a gain of 100 version), where a 100mV
full-scale input from the shunt resistor requires an output
voltage swing of +10V, and a power-supply voltage
sufficient to achieve +10V on the output.
INPUT FILTERING
An obvious and straightforward location for filtering is at
the output of the INA200, INA201, and INA202 series;
however, this location negates the advantage of the low
output impedance of the internal buffer. The only other
option for filtering is at the input pins of the INA200,
INA201, and INA202, which is complicated by the internal
5k
Ω + 30% input impedance; this is shown in Figure 5.
Using the lowest possible resistor values minimizes both
the initial shift in gain and effects of tolerance. The effect
on initial gain is given by Equation 3:
Gain Error %
+ 100 * 100
5k
W
5k
W ) R
FILT
Total effect on gain error can be calculated by replacing the
5k
Ω term with 5kΩ − 30%, (or 3.5kΩ) or 5kΩ + 30% (or
6.5k
Ω). The tolerance extremes of RFILT can also be
inserted into the equation. If a pair of 100. 1% resistors are
used on the inputs, the initial gain error will be 1.96%.
Worst-case tolerance conditions will always occur at the
lower excursion of the internal 5k
Ω resistor (3.5kΩ), and
the higher excursion of RFILT − 3% in this case.
Note that the specified accuracy of the INA200, INA201,
and INA202 must then be combined in addition to these
tolerances. While this discussion treated accuracy
worst-case conditions by combining the extremes of the
resistor values, it is appropriate to use geometric mean or
root sum square calculations to total the effects of
accuracy variations.
COMPARATOR
The INA200, INA201, and INA202 devices incorporate an
open-drain comparator. This comparator typically has
2mV of offset and a 1.3
µs (typical) response time. The
output of the comparator latches and is reset through the
RESET pin, see Figure 6.
R
SHUNT << RFILTER
3m
V
SUPPLY
Load
R
FILTER <100Ω
R
FILTER <100Ω
C
FILTER
1
2
3
4
8
7
6
5
CMP
OUT
RESET
V
IN+
V
IN
V+
OUT
CMP
IN
GND
INA200
− INA202
SO−14, TSSOP−14
f−3dB =
1
2
π(2R
FILTER)CFILTER
f−3dB
G
0.6V
Reference
Comparator
Figure 5. Input Filter (Gain Error — 1.5% to −2.2%)
(3)


Similar Part No. - INA200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200 Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200-Q1 TI1-INA200-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
More results

Similar Description - INA200

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com