Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFM-60B Datasheet(PDF) 2 Page - GardTec, Inc.

Part # AFM-60B
Description  Black Electrodeposit Plating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GARDTEC [GardTec, Inc.]
Direct Link  https://gardtecinc.com/
Logo GARDTEC - GardTec, Inc.

AFM-60B Datasheet(HTML) 2 Page - GardTec, Inc.

  AFM-60B Datasheet HTML 1Page - GardTec, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
GardTec, Inc. • 2909 Mt. Pleasant Street • Racine, WI USA
Questions or to order please call
(262) 634-5560
Part Number:
Material:
Plastic UL94V-O
Media:
Polyurethane Foam UL94HF-1
30-45-60-100PPI
SC40-P15/30
.24 in - 6.10 mm
1.57 in
40.0mm
Retainer
Filter
Guard
1.57 in
40.0mm
1.57 in
40.0mm
1.26 in
32.0 mm
.24 in - 6.10 mm
.24 in - 6.10 mm


Similar Part No. - AFM-60B

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
AFM-60M GARDTEC-AFM-60M Datasheet
358Kb / 1P
   Frame-0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
More results

Similar Description - AFM-60B

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
AFM-120B GARDTEC-AFM-120B Datasheet
92Kb / 1P
   Black Electrodeposit Plating
AFM-92B GARDTEC-AFM-92B Datasheet
92Kb / 1P
   Black Electrodeposit Plating
logo
Pomona Electronics
6851 POMONA-6851 Datasheet
196Kb / 2P
   3-Pin XLR (M), Gold Contacts, Black Nickel Plating
6850 POMONA-6850 Datasheet
198Kb / 2P
   3-Pin XLR (F), Gold Contacts, Black Nickel Plating
logo
Japan Aviation Electron...
DD1B030VA1 JAE-DD1B030VA1 Datasheet
208Kb / 1P
   NIOKEL PLATING THROUGH HOLE AREA TIN PLATING
logo
Amphenol Corporation
28100 AMPHENOL-28100 Datasheet
59Kb / 1P
   BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
logo
Molex Electronics Ltd.
5055680281 MOLEX1-5055680281 Datasheet
48Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Single Row, Gold Plating, 2Circuits, Black
5055680881 MOLEX1-5055680881 Datasheet
48Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Single Row, Gold Plating, 8Circuits, Black
2125201008 MOLEX-2125201008 Datasheet
32Kb / 1P
   Mini-Fit Max Vertical Header, Dual Row, 8 Circuits, Tin (Sn) Plating, Black
5055680381 MOLEX1-5055680381 Datasheet
48Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Single Row, Gold Plating, 3Circuits, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com