Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723631 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # IDT723631
Description  CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723631 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button IDT723631 Datasheet HTML 12Page - Renesas Technology Corp IDT723631 Datasheet HTML 13Page - Renesas Technology Corp IDT723631 Datasheet HTML 14Page - Renesas Technology Corp IDT723631 Datasheet HTML 15Page - Renesas Technology Corp IDT723631 Datasheet HTML 16Page - Renesas Technology Corp IDT723631 Datasheet HTML 17Page - Renesas Technology Corp IDT723631 Datasheet HTML 18Page - Renesas Technology Corp IDT723631 Datasheet HTML 19Page - Renesas Technology Corp IDT723631 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT723631/723641/723651 CMOS SyncFIFO™
512 x 36, 1,024 x 36 and 2,048 x 36
NOTES:
1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for AF to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge
and rising CLKA edge is less than tSKEW2, then AF may transition HIGH one CLKA cycle later than shown.
2. Depth is 512 for the IDT723631, 1,024 for the IDT723641, and 2,048 for the IDT723651.
3. FIFO write (CSA = LOW, W/RA = HIGH, MBA = LOW), FIFO read (CSB = LOW, W/RB = HIGH, MBB = LOW).
Figure 10. Timing for AF
AF
AF
AF
AF when FIFO is Almost-Full
Figure 12. AE
AE
AE
AE
AE Maximum Latency When Retransmit Increases the Number of Stored Words Above X.
NOTE:
1. X is the value loaded in the Almost-Empty flag Offset register.
Figure 11. Retransmit Timing Showing Minimum Retransmit Length
AF
CLKA
ENB
ENA
CLKB
3023 drw13
12
tSKEW2
tENS1
tENH1
tPAF
tENS1
tENH1
(1)
[Depth
-(Y+1)] Words in FIFO
(2)
(Depth
-Y) Words in FIFO
(2)
tPAF
CLKB
ENB
RTM
RFM
OR
B0-B35
W0
W1
W2
W0
W1
HIGH
Initiate Retransmit Mode
with W0 as First Word
Retransmit from
Selected Position
End Retransmit
Mode
3023 drw14
tENS1
tENH1
tRMS
tRMH
tRMS
tRMH
tRMS
tRMH
tA
tA
tA
tA
CLKB
RTM
RFM
AE
tPAE
X or fewer words from Empty
(X+1) or more
words from Empty
3023 drw15
tRMS
tRMH
1
2
HIGH
NOTE:
1. CSB = LOW, W/RB = HIGH, MBB = LOW. No input enables other than RTM and RFM are needed to control retransmit mode or begin a retransmit. Other enables are shown
only to relate retransmit operations to the FIFO output register.


Similar Part No. - IDT723631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631 IDT-IDT723631 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT723631L15PF IDT-IDT723631L15PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L15PQF IDT-IDT723631L15PQF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L20PF IDT-IDT723631L20PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results

Similar Description - IDT723631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com