Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723631 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # IDT723631
Description  CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723631 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button IDT723631 Datasheet HTML 7Page - Renesas Technology Corp IDT723631 Datasheet HTML 8Page - Renesas Technology Corp IDT723631 Datasheet HTML 9Page - Renesas Technology Corp IDT723631 Datasheet HTML 10Page - Renesas Technology Corp IDT723631 Datasheet HTML 11Page - Renesas Technology Corp IDT723631 Datasheet HTML 12Page - Renesas Technology Corp IDT723631 Datasheet HTML 13Page - Renesas Technology Corp IDT723631 Datasheet HTML 14Page - Renesas Technology Corp IDT723631 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT723631/723641/723651 CMOS SyncFIFO™
512 x 36, 1,024 x 36 and 2,048 x 36
11
When the FIFO is in retransmit mode and RFM is HIGH, a rising CLKB
edge loads the current read pointer with the shadow read-pointer value
and the OR flag reflects the new level of fill immediately. If the retransmit
changes the FIFO status out of the almost-empty range, up to two CLKB
rising edges after the retransmit cycle are needed to switch AE high (see
Figure 12). The rising CLKB edge that takes the FIFO out of retransmit
mode shifts the read pointer used by the IR and AF flags from the shadow
to the current read pointer. If the change of read pointer used by IR and
AF should cause one or both flags to transmit HIGH, at least two CLKA
synchronizing cycles are needed before the flags reflect the change. A
rising CLKA edge after the FIFO is taken out of retransmit mode is the first
synchronizing cycle of IR if it occurs at time tSKEW1 or greater after the
rising CLKB edge (see Figure 13). A rising CLKA edge after the FIFO is
taken out of retransmit mode is the first synchronizing cycle of AF if it occurs
at time tSKEW2 or greater after the rising CLKB edge (see Figure 14).
MAILBOX REGISTERS
Two 36-bit bypass registers are on the IDT723631/723641/723651 to
pass command and control information between port A and port B. The
Mailbox select (MBA, MBB) inputs choose between a mail register and a
FIFO for a port data transfer operation. A LOW-to-HIGH transition on
CLKA writes A0-A35 data to the mail1 register when a port-A Write is
selected by CSA, W/RA, and ENA with MBA HIGH. A LOW-to-HIGH
transition on CLKB writes B0-B35 data to the mail2 register when a port-B
Write is selected by CSB, W/RB, and ENB with MBB HIGH. Writing data to
a mail register sets its corresponding flag (MBF1 or MBF2) LOW.
Attempted writes to a mail register are ignored while its mail flag is LOW.
When the port-B data (B0-B35) outputs are active, the data on the bus
comes from the FIFO output register when the port-B Mailbox select (MBB)
input is LOW and from the Mail1 register when MBB is HIGH. Mail2 data is
always present on the port-A data (A0-A35) outputs when they are active.
The Mail1 register Flag (MBF1) is set HIGH by a LOW-to-HIGH transition
on CLKB when a port-B Read is selected by CSB, W/RB, and ENB with
MBB HIGH. The Mail2 register Flag (MBF2) is set HIGH by a LOW-to-
HIGH transition on CLKA when a port-A Read is selected by CSA, W/RA,
and ENA with MBA HIGH. The data in a mail register remains intact after it
is read and changes only when new data is written to the register. Mail
Register and Mail Register Flag timing can be found in Figure 15
and 16.


Similar Part No. - IDT723631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631 IDT-IDT723631 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT723631L15PF IDT-IDT723631L15PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L15PQF IDT-IDT723631L15PQF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L20PF IDT-IDT723631L20PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results

Similar Description - IDT723631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com