Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723631 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # IDT723631
Description  CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723631 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button IDT723631 Datasheet HTML 6Page - Renesas Technology Corp IDT723631 Datasheet HTML 7Page - Renesas Technology Corp IDT723631 Datasheet HTML 8Page - Renesas Technology Corp IDT723631 Datasheet HTML 9Page - Renesas Technology Corp IDT723631 Datasheet HTML 10Page - Renesas Technology Corp IDT723631 Datasheet HTML 11Page - Renesas Technology Corp IDT723631 Datasheet HTML 12Page - Renesas Technology Corp IDT723631 Datasheet HTML 13Page - Renesas Technology Corp IDT723631 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT723631/723641/723651 CMOS SyncFIFO™
512 x 36, 1,024 x 36 and 2,048 x 36
LOW-to-HIGH transition of CLKA begins the first synchronization cycle if it
occurs at time tSKEW2 or greater after the read that reduces the number of
words in memory to [512/1,024/2,048-(Y+1)]. Otherwise, the subsequent
CLKA cycle may be the first synchronization cycle (see Figure 10).
SYNCHRONOUS RETRANSMIT
The synchronous retransmit feature of these devices allow FIFO data to
be read repeatedly starting at a user-selected position. The FIFO is first
put into retransmit mode to select a beginning word and prevent ongoing
FIFO write operations from destroying retransmit data. Data vectors with a
minimum length of three words can retransmit repeatedly starting at the
selected word. The FIFO can be taken out of retransmit mode at any time
and allow normal device operation.
The FIFO is put in retransmit mode by a LOW-to-HIGH transition on
CLKB when the retransmit mode (RTM) input is HIGH and OR is HIGH.
The rising CLKB edge marks the data present in the FIFO output register
as the first retransmit data. The FIFO remains in retransmit mode until a
LOW-to-HIGH transition occurs while RTM is LOW.
When two or more reads have been done past the initial retransmit
word, a retransmit is initiated by a LOW-to-HIGH transition on CLKB when
the read-from-mark (RFM) input is HIGH. This rising CLKB edge shifts the
first retransmit word to the FIFO output register and subsequent reads can
begin immediately. Retransmit loops can be done endlessly while the FIFO
is in retransmit mode. RFM must be LOW during the CLKB rising edge that
takes the FIFO out of retransmit mode.
When the FIFO is put into retransmit mode, it operates with two read
pointers. The current read pointer operates normally, incrementing each
time a new word is shifted to the FIFO output register and used by the OR
and AE flags. The shadow read pointer stores the memory location at the
time the device is put into retransmit mode and does not change until the
device is taken out of retransmit mode. The shadow read pointer is used
by the IR and AF flags. Data writes can proceed while the FIFO is in
retransmit mode, but AF is set LOW by the write that stores (512-Y), (1,024
- Y), or (2,048 - Y) words after the first retransmit word for the IDT723631,
IDT723641, or IDT723651, respectively. The IR flag is set LOW by the
512th, 1,024th, or 2,048th write after the first retransmit word for the
IDT723631, IDT723641, or IDT723651, respectively.
NOTES:
1. X is the Almost-Empty Offset for AE. Y is the Almost-Full Offset for AF.
2. When a word is present in the FIFO output register, its previous memory location is free.
3. Data in the output register does not count as a "word i n FIFO memory". Since in FWFT mode, the first words written to an empty FIFO goes unrequested to the output register
(no read operation necessary), it is not included in the memory count.
TABLE 4 — FIFO FLAG OPERATION
grammed from port A, or programmed serially (see Almost-Empty flag and
Almost-Full flag offset programming above). The AE flag is LOW when the
FIFO contains X or less words and is HIGH when the FIFO contains (X+1)
or more words. A data word present in the FIFO output register has been
read from memory.
Two LOW-to-HIGH transitions of CLKB are required after a FIFO write
for the AE flag to reflect the new level of fill; therefore, the AE flag of a FIFO
containing (X+1) or more words remains LOW if two cycles of CLKB have
not elapsed since the write that filled the memory to the (X+1) level. An AE
flag is set HIGH by the second LOW-to-HIGH transition of CLKB after the
FIFO write that fills memory to the (X+1) level. A LOW-to-HIGH transition of
CLKB begins the first synchronization cycle if it occurs at time tSKEW2 or
greater after the write that fills the FIFO to (X+1) words. Otherwise, the
subsequent CLKB cycle may be the first synchronization cycle (see Figure
9).
ALMOST-FULL FLAG (AF)
The Almost-Full flag of a FIFO is synchronized to the port Clock that
writes data to its array (CLKA). The state machine that controls an AF flag
monitors a write-pointer and read-pointer comparator that indicates when
the FIFO SRAM status is almost-full, almost-full-1, or almost-full-2. The
almost-full state is defined by the contents of register Y. This register is
loaded with a preset value during a FIFO reset, programmed from port A,
or programmed serially (see Almost-Empty flag and Almost-Full flag offset
programming). The AF flag is LOW when the number of words in the FIFO
is greater than or equal to (512-Y), (1,024-Y), OR (2,048-Y) for the
IDT723631, IDT723641, or IDT723651, respectively. The AF flag is HIGH
when the number of words in the FIFO is less than or equal to [512-(Y+1)],
[1,024-(Y+1)], or [2,048-(Y+1)] for the IDT723631, IDT723641, or
IDT723651, respectively. A data word present in the FIFO output register
has been read from memory.
Two LOW-to-HIGH transitions of CLKA are required after a FIFO read
for its AF flag to reflect the new level of fill. Therefore, the AF flag of a FIFO
containing [512/1,024/2,048-(Y+1)] or less words remains LOW if two cycles
of CLKA have not elapsed since the read that reduced the number of
words in memory to [512/1,024/2,048-(Y+1)]. An AF flag is set HIGH by
the second LOW-to-HIGH transition of CLKA after the FIFO read that
reduces the number of words in memory to [512/1,024/2,048-(Y+1)]. A
Number of Words in the FIFO(1,2,3)
Synchronized
Synchronized
to CLKB
to CLKA
IDT723631
IDT723641
IDT723651
OR
AE
AF
IR
000
L
L
H
H
1 to X
1 to X
1 to X
H
L
H
H
(X+1)to[512-(Y+1)]
(X+1)to[1,024-(Y+1)]
(X+1)to[2,048-(Y+1)]
H
H
H
H
(512-Y)to511
(1,024-Y)to1,023
(2,048-Y)to2,047
H
H
L
H
512
1,024
2,048
H
H
L
L


Similar Part No. - IDT723631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631 IDT-IDT723631 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT723631L15PF IDT-IDT723631L15PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L15PQF IDT-IDT723631L15PQF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L20PF IDT-IDT723631L20PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results

Similar Description - IDT723631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com