Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723631 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT723631
Description  CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723631 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT723631 Datasheet HTML 1Page - Renesas Technology Corp IDT723631 Datasheet HTML 2Page - Renesas Technology Corp IDT723631 Datasheet HTML 3Page - Renesas Technology Corp IDT723631 Datasheet HTML 4Page - Renesas Technology Corp IDT723631 Datasheet HTML 5Page - Renesas Technology Corp IDT723631 Datasheet HTML 6Page - Renesas Technology Corp IDT723631 Datasheet HTML 7Page - Renesas Technology Corp IDT723631 Datasheet HTML 8Page - Renesas Technology Corp IDT723631 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT723631/723641/723651 CMOS SyncFIFO™
512 x 36, 1,024 x 36 and 2,048 x 36
IDT723631
IDT723641
IDT723651
Commercial
tA = 15 ns
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VOH
VCC = 4.5V,
IOH = –4 mA
2.4
V
VOL
VCC = 4.5V,
IOL = 8 mA
0.5
V
ILI
VCC = 5.5V,
VI = VCC or 0
±5
μA
ILO
VCC = 5.5V,
VO = VCC or 0
±5
μA
ICC
VCC = 5.5V,
VI = VCC –0.2V or 0
400
μA
ΔICC(2,3)
VCC = 5.5V,
One Input at 3.4V,
CSA = VIH
A0-A35
0
mA
Other Inputs at VCC or GND
CSB = VIH
B0-B35
0
CSA = VIL
A0-A35
1
CSB = VIL
B0-35
1
All Other Inputs
1
CIN
VI = 0,
f = 1 MHz
4
pF
COUT
VO = 0,
f = 1 MHZ
8
pF
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE
RANGE (UNLESS OTHERWISE NOTED)(2)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to 7
V
VI(2)
Input Voltage Range
–0.5 to VCC+0.5
V
VO(2)
Output Voltage Range
–0.5 to VCC+0.5
V
IIK
Input Clamp Current, (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current, (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current, (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
Storage Temperature Range
–65 to 150
°C
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (UNLESS OTHERWISE NOTED)
NOTES:
1. All typical values are at VCC = 5V, TA = 25
°C.
2. This is the supply current when each input is at least one of the specified TTL voltage levels rather than 0V or VCC.
3. For additional ICC information, see the following page.
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
4.5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW-Level Input Voltage
0.8
V
IOH
HIGH-Level Output Current
–4
mA
IOL
LOW-Level Output Current
8
mA
TA
Operating Free-air Temperature
0
70
°C
RECOMMENDED OPERATING CONDITIONS


Similar Part No. - IDT723631

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631 IDT-IDT723631 Datasheet
347Kb / 20P
CMOS SyncFIFO
IDT723631L15PF IDT-IDT723631L15PF Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L15PQF IDT-IDT723631L15PQF Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723631L20PF IDT-IDT723631L20PF Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results

Similar Description - IDT723631

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com