Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723626 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDT723626
Description  CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723626 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDT723626 Datasheet HTML 1Page - Renesas Technology Corp IDT723626 Datasheet HTML 2Page - Renesas Technology Corp IDT723626 Datasheet HTML 3Page - Renesas Technology Corp IDT723626 Datasheet HTML 4Page - Renesas Technology Corp IDT723626 Datasheet HTML 5Page - Renesas Technology Corp IDT723626 Datasheet HTML 6Page - Renesas Technology Corp IDT723626 Datasheet HTML 7Page - Renesas Technology Corp IDT723626 Datasheet HTML 8Page - Renesas Technology Corp IDT723626 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
MARCH 2018
IDT723626
IDT723636
IDT723646
2018 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3271/7
©
CMOS TRIPLE BUS SyncFIFOTM
WITH BUS-MATCHING
256 x 36 x 2, 512 x 36 x 2
1,024 x 36 x 2
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIALTEMPERATURERANGE
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
••••• Memory storage capacity:
IDT723626 – 256 x 36 x 2
IDT723636 – 512 x 36 x 2
IDT723646 – 1,024 x 36 x 2
••••• Clock frequencies up to 67 MHz (10ns access time)
••••• Two independent FIFOs buffer data between one bidirectional
36-bit port and two unidirectional 18-bit ports (Port C receives
and Port B transmits)
••••• 18-bit (word) and 9-bit (byte) bus sizing of 18 bits (word) on
Ports B and C
••••• Select IDT Standard timing (using EFA, EFB, FFA, and FFC flag
functions) or First Word Fall Through Timing (using ORA, ORB,
IRA, and IRC flag functions)
••••• Programmable Almost-Empty and Almost-Full flags; each has
three default offsets (8, 16 and 64)
••••• Serial or parallel programming of partial flags
••••• Big- or Little-Endian format for word and byte bus sizes
••••• Master Reset clears data and configures FIFO, Partial Reset
clears data but retains configuration settings
••••• Mailbox bypass registers for each FIFO
••••• Free-running CLKA, CLKB and CLKC may be asynchronous or
coincident (simultaneous reading and writing of data on a single
clock edge is permitted)
••••• Auto power down minimizes power dissipation
••••• Available in a space-saving 128-pin Thin Quad Flatpack (TQFP)
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT723626/723636/723646isamonolithic,high-speed,low-power,
CMOSTripleBussynchronous(clocked)FIFOmemorywhichsupportsclock
frequencies up to 67 MHz and has read access times as fast as 10 ns. Two
Mail 1
Register
Programmable Flag
Offset Registers
RAM ARRAY
256 x 36
512 x 36
1,024 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
RAM ARRAY
256 x 36
512 x 36
1,024 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
FIFO1,
Mail1
Reset
Logic
MRS1
Mail 2
Register
MBF2
WENC
Port-C
Control
Logic
FIFO2,
Mail2
Reset
Logic
MRS2
MBF1
FIFO1
FIFO2
10
EFB/ORB
AEB
18
18
FFC/IRC
AFC
B0-B17
FFA/IRA
AFA
SPM
FS0/SD
FS1/
SEN
A0-A35
EFA/ORA
AEA
3271 drw01
36
36
PRS2
PRS1
Timing
Mode
FWFT
C0-C17
CLKB
Port-B
Control
Logic
Common
Port
Control
Logic
(B and C)
BE
SIZEB
SIZEC
CLKC
MBC
36
36
36
36
RENB
MBB
CSB


Similar Part No. - IDT723626

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT723626L12PF IDT-IDT723626L12PF Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626L15PF IDT-IDT723626L15PF Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
More results

Similar Description - IDT723626

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com