Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723626 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # IDT723626
Description  CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723626 Datasheet(HTML) 4 Page - Renesas Technology Corp

  IDT723626 Datasheet HTML 1Page - Renesas Technology Corp IDT723626 Datasheet HTML 2Page - Renesas Technology Corp IDT723626 Datasheet HTML 3Page - Renesas Technology Corp IDT723626 Datasheet HTML 4Page - Renesas Technology Corp IDT723626 Datasheet HTML 5Page - Renesas Technology Corp IDT723626 Datasheet HTML 6Page - Renesas Technology Corp IDT723626 Datasheet HTML 7Page - Renesas Technology Corp IDT723626 Datasheet HTML 8Page - Renesas Technology Corp IDT723626 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
COMMERCIAL TEMPERATURE RANGE
IDT723626/723636/723646 CMOS TRIPLE BUS SyncFIFO™
WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 and 1,024 x 36 x 2
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O 36-bitbidirectionaldataportforsideA.
AEA
PortAAlmost-Empty O
Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in FIFO2 is
Flag
lessthan or equal to the value in the Almost-Empty A Offset register, X2.
AEB
PortBAlmost-Empty O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in FIFO1 is
Flag
lessthan or equal to the value in the Almost-Empty B Offset register, X1.
AFA
PortAAlmost-Full
O
ProgrammableAlmost-FullflagsynchronizedtoCLKA.ItisLOWwhenthenumberofemptylocationsin
Flag
FIFO1 is less than or equal to the value in the Almost-Full A Offset register, Y1.
AFC
PortCAlmost-Full
O ProgrammableAlmost-FullflagsynchronizedtoCLKC.ItisLOWwhenthenumberofemptylocationsin
Flag
FIFO2 is less than or equal to the value in the Almost-Full C Offset register, Y2.
B0-B17
Port B Data
O
18-bit output data port for side B.
BE/FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation. In this
FirstWord
case, depending on the bus size, the most significant byte or word on Port A is read from Port B first (A-to-B
Fall Through
data flow) or is written to Port C first (C-to-A data flow). A LOW on BE will select Little-Endian operation.
Select
In this case, the least significant byte or word on Port A is read from Port B first (A-to-B data flow) or is
written to Port C first (C-to-A data flow).
After Master Reset, this pin selects the timing mode. A HIGH on FWFT selects IDT Standard mode, aLOW
selects First Word Fall Through mode. Once the timing mode has been selected, the level on FWFT must
bestaticthroughoutdeviceoperation.
C0-C17
Port C Data
I
18-bit input data port for side C.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be asynchronous or
coincident to CLKB. FFA/IRA, EFA/ORA, AFA, and AEA are all synchronized to the LOW-to-HIGH
transitionofCLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be asynchronous or
coincident to CLKA. EFB/ORB and AEB are synchronized to the LOW-to-HIGH transition of CLKB.
CLKC
Port C Clock
I
CLKC is a continuous clock that synchronizes all data transfers through Port C and can be asynchronous
or coincident to CLKA. FFC/IRC and AFC are synchronized to the LOW-to-HIGH transition of CLKC.
CSA
Port A Chip Select
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The A0-A35
outputs are in the high-impedance state when CSA is HIGH.
CSB
Port B Chip Select
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read data on Port B. The B0-B17
outputs are in the high-impedance state when CSB is HIGH.
EFA/ORA
PortAEmpty/
O
This is a dual function pin. In the IDT Standard mode, the EFA function is selected. EFA indicates whether
Output Ready Flag
or not the FIFO2 memory is empty. In the FWFT mode, the ORA function is selected. ORA indicates the
presence of valid data on the A0-A35 outputs, available for reading. EFA/ORA is synchronized to the
LOW-to-HIGHtransitionofCLKA.
EFB/ORB
PortBEmpty/
O This is a dual function pin. In the IDT Standard mode, the EFB function is selected. EFB indicates whether
Output Ready Flag
or not the FIFO1 memory is empty. In the FWFT mode, the ORB function is selected. ORB indicates the
presence of valid data on the B0-B17 outputs, available for reading. EFB/ORB is synchronized to the
LOW-to-HIGHtransitionofCLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
FFA/IRA
Port A Full/
O
This is a dual function pin. In the IDT Standard mode, the FFA function is selected. FFA indicates whether
Input Ready Flag
or not the FIFO1 memory is full. In the FWFT mode, the IRA function is selected. IRA
indicates whether or not there is space available for writing to the FIFO1 memory. FFA/IRA is
synchronizedtotheLOW-to-HIGHtransitionofCLKA.
FFC/IRC
Port C Full/
O
This is a dual function pin. In the IDT Standard mode, the FFC function is selected. FFC indicates whether
Input Ready Flag
or not the FIFO2 memory is full. In the FWFT mode, the IRC function is selected. IRC indicates whether or
not there is space available for writing to the FIFO2 memory. FFC/IRC is synchronized to the
LOW-to-HIGHtransitionofCLKC.


Similar Part No. - IDT723626

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
IDT723626L12PF IDT-IDT723626L12PF Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626L15PF IDT-IDT723626L15PF Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626_14 Datasheet
510Kb / 35P
   CMOS TRIPLE BUS SyncFIFO
More results

Similar Description - IDT723626

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com