Electronic Components Datasheet Search |
|
871-1A-CD1 Datasheet(PDF) 1 Page - Song Chuan Precision Company Ltd. |
|
|
871-1A-CD1 Datasheet(HTML) 1 Page - Song Chuan Precision Company Ltd. |
1 / 4 page SONG CHUAN 283 High rating Micro ISO automotive relays up to 35A/14VDC. SPNO & SPDT of contact configuration. Skirted cover and plain cover are both available. Optional to be equipped with diode or resistor. Comply with RoHS-Directive 2002/95/EC, and ELV- Directive 2000/53/EC. Contact Rating Ordering Information Type List Coil Rating (DC) Features 1. 871 -- Basic series designation 2. 1A -- Single pole normally open 1C -- Single pole double throw 3. D -- Dust cover DF -- Dust cover / base holder type available C -- Flux tight S -- Sealed type washable 4. Blank -- Standard type R1 -- Coil parallel with 1/2W resistor for 6V 180 , 12V 680 , 24V 2700 D1 -- Coil parallel with diode IN4007 the positive pole on # 85 terminal 871 - 1A - C - 1 2 3 4 1A 1C Resistive load 35A 14VDC 15A 28VDC NO: 35A 14VDC , 15A 28VDC NC: 20A 14VDC , 10A 28VDC Rated voltage (V) Rated current 10 % at 23°C (mA) Coil resistance 10 % at 23°C ( ) Max. continuous voltage at 85°C Pick up voltage(Max) at 23°C Drop out voltage(Min) at 23°C Power consumption at rated voltage 6 187.5 32 133 % of 60 % of 10 % of 12 97.5 123 rated rated rated approx. 1.2W 24 49.6 483 voltage voltage voltage Enclosure style Terminal style Contact form Designation (provided with) Dust cover Dust cover /Fixed Base Flux tight Sealed type washable ---------- 871-1A-D 871-1A-DF 871-1A-C 871-1A-S Resistor 871-1A-D-R1 871-1A-DF-R1 871-1A-C-R1 871-1A-S-R1 1A (SPNO) Diode 871-1A-D-D1 871-1A-DF-D1 871-1A-C-D1 871-1A-S-D1 ---------- 871-1C-D 871-1C-DF 871-1C-C 871-1C-S Resistor 871-1C-D-R1 871-1C-DF-R1 871-1C-C-R1 871-1C-S-R1 Socket terminal 1C (SPDT) Diode 871-1C-D-D1 871-1C-DF-D1 871-1C-C-D1 871-1C-S-D1 871 |
Similar Part No. - 871-1A-CD1 |
|
|
Link URL |