Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31CF11H475ZA01L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # GRM31CF11H475ZA01L
Description  Capacitor Ceramic Multilayer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM31CF11H475ZA01L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  GRM31CF11H475ZA01L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM31CF11H475ZA01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM31CF11H475ZA01L , GRM31CF11H475ZA01K
Shape
L size
3.2 ±0.2mm
W size
1.6 ±0.2mm
T size
1.6 ±0.2mm
External terminal width e
0.3 to 0.8mm
Distance between external terminals g
1.5mm min.
Size code in inch(mm)
1206 (3216)
Specifications
Capacitance
4.7µF +80/-20%
Rated voltage
50Vdc
Temperature characteristics (complied standard)
F(JIS)
Capacitance change rate
+30.0/-80.0%
Temperature range of temperature characteristics
-25 to 85℃
Operating temperature range
-25 to 85℃
References
Packaging
Specifications
Minimum quantity
φ180mm Embossed taping
2000
φ330mm Embossed taping
6000
Mass (typ.)
1 piece
52mg
φ180mm Reel
144g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.co.jp/
Last updated: 2015/01/02


Similar Part No. - GRM31CF11H475ZA01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31CF11E106ZA01 MURATA1-GRM31CF11E106ZA01 Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2014/05/30
GRM31CF11E106ZA01K MURATA1-GRM31CF11E106ZA01K Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2014/05/30
GRM31CF11E106ZA01L MURATA1-GRM31CF11E106ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2014/05/30
More results

Similar Description - GRM31CF11H475ZA01L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com