Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8805 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE8805
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE8805 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
APE8805
Advanced Power
Electronics Corp.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.8
5.5
V
Operating Junction Temperature Range
TJ
-40
125
ºC
Electrical Characteristics
(VIN=VOUT+1V or VIN=2.8V whichever is greater, CIN=1µF, COUT=1µF, TA=25 ºC, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
∆VOUT
IO= 1mA
-2
+2
%
Current Limit
ILIMIT
RLoad=1
600
mA
Quiescent Current
IQ
IO= 0mA
30
50
µA
1.2V ≤ VOUT ≤ 2.0V
1400
2.0V < VOUT ≤ 2.8V
800
Dropout Voltage (Note 1)
VDROP
IO=600mA
2.8V < VOUT ≤ 4.5V
600
mV
Line Regulation
∆VLINE
IO=1mA, VIN=VOUT +1V to 5V
1
5
mV
Load Regulation (Note 2)
∆VLOAD
IO=0mA to 600mA
13
50
mV
Ripple Rejection
PSRR
VIN=VOUT+1V
fRIPPLE = 120Hz, COUT = 1µF
60
dB
Temperature Coefficient
TC
IOUT = 1mA, VIN = 5V
50
ppm/ ºC
Thermal Shutdown Temperature
TSD
160
ºC
Thermal Shutdown Hysteresis
∆TSD
25
ºC
Note 1:The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drop about 100mV.
Note 2:Regulation is measured at a constant junction temperature by using 40ms current pulse and load regulation in the load range from
0mA to 600mA.
Functional Pin Description
Pin Name
Pin Function
VIN
Power is supplied to this device from this pin which is required an input filter capacitor. In general, the input
capacitor in the range of 1µF to 10µF is sufficient.
VOUT
The output supplies power to loads. The output capacitor is required to prevent output voltage unstable. The
APE8805 is stable with an output capacitor 1µF or greater. The larger output capacitor will be required for
application with large transit load to limit peak voltage transits, besides could reduce output noise, improve
stability, PSRR.
GND
Common ground pin


Similar Part No. - APE8805

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-15Y5P A-POWER-APE8805A-15Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-18Y5P A-POWER-APE8805A-18Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-25Y5P A-POWER-APE8805A-25Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-28Y5P A-POWER-APE8805A-28Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - APE8805

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com