Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8805 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE8805
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE8805 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8805 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data and specifications subject to change without notice.
200427062-1/9
APE8805
Advanced Power
Electronics Corp.
600mA LOW DROPOUT LINEAR
REGULATOR
Typical Application Circuit
Figure 1. Typical Application Circuit of APE8805
Note:To prevent oscillation, it is recommended to use minimum 1µF X7R or X5R dielectric capacitors if ceramics are
used as input/output capacitors.
Features
● Low Dropout Voltage of 600mV at 600mA
● Guaranteed 600mA Output Current
● Very Low Quiescent Current at about 30uA
● Max.
± 2%Output Accuracy
● Needs Only 1µF Capacitor for Stability
● Thermal Shutdown Protection
● Current Limit Protection
● Low-ESR Ceramic Capacitor for Output Stability
● RoHS Compliant
Applications
● DVD/CD-ROMs, CD/RWs
● Wireless Devices
● LCD Modules
● Battery Power Systems
● Card Readers
● XDSL Routers
Description
The APE8805 series are low dropout, positive
linear regulators with very low quiescent current.
The APE8805 can supply 600mA output current
with a low dropout voltage at about 600mV.
The APE8805 regulator is able to operate with
output capacitors as small as 1µF for stability.
Other than the current limit protection APE8805
also offers on chip thermal shutdown feature
providing protection against overload or any
condition when the ambient temperature exceeds
the junction temperature.
The APE8805 series are available in fixed output
voltage ranging from 1.8 volt , 2.5 volt and 3.3 volt.
The APE8805 series are available in space-saving
SOT-23, SOT-89, and SOT-223 packages.
APE8805
VIN
VOUT
GND
1µF
1µF
COUT
CIN


Similar Part No. - APE8805

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-15Y5P A-POWER-APE8805A-15Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-18Y5P A-POWER-APE8805A-18Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-25Y5P A-POWER-APE8805A-25Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-28Y5P A-POWER-APE8805A-28Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - APE8805

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com